Electronic Components Datasheet Search
  English  ▼

X  

LTC3245 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3245
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3245 Datasheet(HTML) 4 Page - Linear Technology

  LTC3245 Datasheet HTML 1Page - Linear Technology LTC3245 Datasheet HTML 2Page - Linear Technology LTC3245 Datasheet HTML 3Page - Linear Technology LTC3245 Datasheet HTML 4Page - Linear Technology LTC3245 Datasheet HTML 5Page - Linear Technology LTC3245 Datasheet HTML 6Page - Linear Technology LTC3245 Datasheet HTML 7Page - Linear Technology LTC3245 Datasheet HTML 8Page - Linear Technology LTC3245 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC3245
4
3245fa
For more information www.linear.com/LTC3245
Typical perForMance characTerisTics
5V Fixed Output Voltage
vs Input Voltage (Burst Mode
Operation)
5V Fixed Output Voltage
vs Input Voltage (Low Noise
Operation)
5V Fixed Efficiency
vs Output Current
3.3V Fixed Output Voltage
vs Input Voltage (Burst Mode
Operation)
3.3V Fixed Output Voltage
vs Input Voltage (Low Noise
Operation)
3.3V Fixed Output Efficiency
vs Output Current
Input Operating Current
vs Input Voltage
Input Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
TA = 25°C, unless otherwise noted.
VIN (V)
0
0
5
10
15
25
20
35
30
45
40
50
5
10
15
20
3245 G01
25
30
35
40
BURST = 0V
VOUT = 5V
VOUT = 3.3V
VIN (V)
0
0
2
4
6
10
8
14
12
18
16
20
5
10
15
20
3245 G02
25
30
35
40
150°C
125°C
25°C
–55°C
TEMPERATURE (°C)
–60
300
325
350
375
400
450
425
475
500
–30
0
30
60
3245 G03
90
120 150
VIN (V)
2
4.80
4.85
4.90
4.95
5.00
5.10
5.05
5.15
5.20
3 4 5 6
8
7
9
3245 G04
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
VIN (V)
2
4.80
4.85
4.90
4.95
5.00
5.10
5.05
5.15
5.20
3 4 5 6
8
7
9
3245 G05
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
IOUT (mA)
3245 G06
100
80
70
90
60
40
30
20
10
50
0
0.1
100
1000
10
1
Burst Mode OPERATION
LOW NOISE
VIN = 12V
VIN (V)
2
3.10
3.15
3.20
3.25
3.30
3.40
3.35
3.45
3.50
3 4 5 6
8
7
9
3245 G07
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
VIN (V)
2
3.10
3.15
3.20
3.25
3.30
3.40
3.35
3.45
3.50
3 4 5 6
8
7
9
3245 G08
10 11
14
12 13
15
IOUT = 0mA
IOUT = 150mA
IOUT = 250mA
IOUT (mA)
3245 G09
100
80
70
90
60
40
30
20
10
50
0
0.1
100
1000
10
1
Burst Mode OPERATION
LOW NOISE
VIN = 9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com