Electronic Components Datasheet Search
  English  ▼

X  

SP4401 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SP4401
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4401 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  SP4401 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver 1.0
www.samhop.com.tw
Jan,29,2014
7
SP4401
TSON 3.3 x 3.3 Tape and Reel Data
TSON 3.3 x 3.3 Tape
TSON 3.3 x 3.3 Reel
unit:
PACKAGE
S mini 8
H1
D
D1
EE1
E2
H
PP1
P2
T
3.70
1.50
1.50
1.10
0.10
4.0
0.10
2.0
0.05
0.3
0.05
UNIT:
TAPE SIZE
12
REEL SIZE
A
B
C
D
N
W1
W2
330
1.0
1.5
FEEDING DIRECTION
0.10
(MIN)
+0.10
- 0.00
12.0
+0.30
- 0.10
1.75
0.10
5.50
0.05
3.70
0.10
K
8.0
0.10
A
N
W1
W2
D
B
C
13 "
+ 0.5
- 0.2
13.0
+ 0.5
- 0.2
20.2(ref.)
178
+ 0.0
- 2.0
12.4
+ 2.0
- 0.0
18.4(ref.)
D1
P2
P1
E
E1
E2
P
D
A
A
B
B
H1
T
K
H
SECTION A-A
SECTION B-B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com