Electronic Components Datasheet Search
  English  ▼

X  

SP4401 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SP4401
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4401 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SP4401 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
-30V
-8A
18 @ VGS=-4.5V
12.5 @ VGS=-10V
P-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Jan,29,2014
1
Details are subject to change without notice.
SP4401
Green
Product
THERMAL CHARACTERISTICS
75
Thermal Resistance, Junction-to-Ambient
R JA
°C/W
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
-30
-8
-46
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
c
A
TA=25°C
W
PD
°C
1.67
-55 to 150
TA=25°C
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
TA=70°C
-6.4
A
TA=70°C
1.07
W
a
a
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
ESD Protected.
c
Ver 1.0
4
3
2
1
D
D
D
D
G
S
S
5
6
7
8
S
TSON 3.3 x 3.3
Pin 1
30
EAS
Single Pulse Avalanche Energy
d
mJ


Similar Part No. - SP4401

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP4400 SAMHOP-SP4400 Datasheet
132Kb / 11P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
SP4403EU SIPEX-SP4403EU Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
SP4403UEB SIPEX-SP4403UEB Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
SP4405 SIPEX-SP4405 Datasheet
158Kb / 20P
Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
More results

Similar Description - SP4401

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com