Electronic Components Datasheet Search
  English  ▼

X  

SP4401 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SP4401
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4401 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SP4401 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4401 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.samhop.com.tw
Jan,29,2014
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
Gate-Source Voltage
Variation with Source Current
SP4401
0.1
1
10
30
10
1
0.1
0.03
36
30
24
18
12
6
0
2
0
10
8
6
4
ID = -4A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
10
8
6
4
2
0
75 C
125 C
VDS = -15V
ID = -4A
0
64
48
16
32
VGS = -10V
Single Pulse
TA = 25 C
25 C
56
40
8
24
Ver 1.0
100
100m
s
DC
1ms
100u
s
10
s
R D
S (O
N)
Lim
it
1s
100
10
1000
1
110
100
TD(off )
VDS=-15V,ID=-1A
VGS=-10V
TD(on)
Tr
Tf
Crss
Coss
Ciss
3000
2500
2000
1500
1000
500
0
10
15
20
25
30
0
5
3500
4000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com