Electronic Components Datasheet Search
  English  ▼

X  

UPD78C17 Datasheet(PDF) 39 Page - NEC

Part # UPD78C17
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C17 Datasheet(HTML) 39 Page - NEC

Back Button UPD78C17 Datasheet HTML 35Page - NEC UPD78C17 Datasheet HTML 36Page - NEC UPD78C17 Datasheet HTML 37Page - NEC UPD78C17 Datasheet HTML 38Page - NEC UPD78C17 Datasheet HTML 39Page - NEC UPD78C17 Datasheet HTML 40Page - NEC UPD78C17 Datasheet HTML 41Page - NEC UPD78C17 Datasheet HTML 42Page - NEC UPD78C17 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
39
µPD78C17,78C18
(1)
Timer/event counter mode register (ETMM)
This is an 8-bit register which controls the timer/event counter (see Fig. 2-21).
The timer/event counter mode register bits 0 and 1 (ET0, ET1) control the timer event counter upcounter
(ECNT) input clock, bits 2 and 3 (EM0, EM1) control the ECNT clear mode, bits 4 and 5 (CO00, CO01)
control output timing when the output latch contents are output to the counter output0 (CO0). Bits 6 and 7
(CO10, CO11) control CO1 output timing.
The internal clock (
φ12) divides the oscillation frequency by 12.
After RESET input or in the hardware STOP mode, the timer/event counter mode register is reset to 00H.
Fig. 2-21 Timer/Event Counter Mode Register Format
76543210
CO11
CO10
CO01
CO00
EM 1
EM 0
ET 1
ET 0
Internal clock (
φ12)
φ12 while CI input is in the high level
CI input
CI input while TO is in the high level
0
0
0
1
10
11
ECNT Input Clock
ETMM
0
0
ECNT Clear Mode
Stop after clear
Free running
Clear a full count at a time
0
1
Clear by matching ECNT and ETM1
11
10
Clear at the fall of CI input (ET1 = 0)
Clear the fall of TO
(ET1 = 1)
0
1
CO0 Output Timing
ECNT and ETM0 match
Setting prohibited
ECNT and ETM0 match, or
CI input fall
0
ECNT and ETM0 match, or
ECNT and ETM1 match
01
CO1 Output Timing
ECNT and ETM1 match
Setting prohibited
ECNT and ETM1 match, or
CI input fall
10
ECNT and ETM0 match, or
ECNT and ETM1 match
00
1
1
0
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com