Electronic Components Datasheet Search
  English  ▼

X  

UPD78C17 Datasheet(PDF) 19 Page - NEC

Part # UPD78C17
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C17 Datasheet(HTML) 19 Page - NEC

Back Button UPD78C17 Datasheet HTML 15Page - NEC UPD78C17 Datasheet HTML 16Page - NEC UPD78C17 Datasheet HTML 17Page - NEC UPD78C17 Datasheet HTML 18Page - NEC UPD78C17 Datasheet HTML 19Page - NEC UPD78C17 Datasheet HTML 20Page - NEC UPD78C17 Datasheet HTML 21Page - NEC UPD78C17 Datasheet HTML 22Page - NEC UPD78C17 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
19
µPD78C17,78C18
2.4
MEMORY
The
µPD78C17 and 78C18 can address a maximum of 64 Kbytes of memory. The memory maps are shown in
Figs. 2-3 and 2-4. The external memory area and the internal RAM area can be freely used as program memory
and data memory. Because the access timing for internal memory and external memory are the same, pro-
cessing can be executed at high speeds.
(a)
Interrupt start addresses
The interrupt start addresses are all fixed as follows:
NMI ....................... 0004H
INTT0/INTT1 ......... 0008H
INT1/INT2 ............. 0010H
INTE0/INTE1 ......... 0018H
INTEIN/INTAD ...... 0020H
INTSR/INTST ........ 0028H
SOFTI .................... 0060H
(b) Call address table
The call address of a 1-byte call instruction (CALT) can be stored in the 64-byte area (for 32 call ad-
dresses) from address 0080H to address 00BFH.
(c)
Specific memory area
The reset start address, interrupt start addresses, and the call table are allocated to addresses 0000H to
00BFH, and this area takes account of these in use. Addresses 0800H to 0FFFH are directly addressable by
a 2-byte call instruction (CALF).
The
µPD78C18 has on-chip mask programmable ROM in addresses 0000H to 7FFFH.
(d) Internal data memory area
1-Kbyte RAM is incorporated in addresses FC00H to FFFFH. The RAM contents are retained for 1-Kbyte
internal data memory area in standby operation.
(e)
External memory area
With the
µPD78C17, the external memory can be expanded in steps in 63-Kbyte area (0000H to FBFFH)
by setting the MODE0 and MODE1 pins (see Table 2-3).
With the
µPD78C18, the external memory can be expanded in steps in 31-Kbyte area (8000H to FBFFH)
by setting the MEMORY MAPPING register (see Fig. 2-13).
The external memory is accessed using AD7 to AD0 (multiplexed address/data bus), AB7 to AB0 (ad-
dress bus), and the RD, WR, and ALE signals. Both programs and data can be stored in the external
memory.
(f) Working register area
A 256-byte working register area can be set in any memory location (specified by the V register) and
working register addressing is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com