Electronic Components Datasheet Search
  English  ▼

X  

UPD78C17 Datasheet(PDF) 71 Page - NEC

Part # UPD78C17
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C17 Datasheet(HTML) 71 Page - NEC

Back Button UPD78C17 Datasheet HTML 67Page - NEC UPD78C17 Datasheet HTML 68Page - NEC UPD78C17 Datasheet HTML 69Page - NEC UPD78C17 Datasheet HTML 70Page - NEC UPD78C17 Datasheet HTML 71Page - NEC UPD78C17 Datasheet HTML 72Page - NEC UPD78C17 Datasheet HTML 73Page - NEC UPD78C17 Datasheet HTML 74Page - NEC UPD78C17 Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
71
µPD78C17,78C18
Fig. 4-7 Hardware STOP Mode Release Timing
Fig. 4-8 Hardware STOP Mode Release Timing
In the case of a hardware STOP mode release, as with a release of the software STOP mode by means of the
RESET signal, it is possible to differentiate between a power-on start and a start due to release of the hardware
STOP mode by testing the SB flag using a skip instruction.
4.7
LOW SUPPLY VOLTAGE DATA RETENTION MODE
The low supply voltage data retention mode can be set by decreasing the VDD supply voltage to 2.5 V after
setting the software/hardware STOP mode. RAM contents can be retained with lower power consumption than
in the software/hardware STOP mode.
Caution
The software/hardware STOP mode should not be released while in the low supply voltage data
retention mode. VDD must be raised to the normal operating voltage before the release is per-
formed.
CPU
Operation
Instruction
Execution
Address 0 Instruction
Execution
STOP
OSC
Wait
RESET
CPU
Operation
Instruction
Execution
Address 0 Instruction
Execution
STOP
OSC
Wait
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com