Electronic Components Datasheet Search
  English  ▼

X  

MMBD330T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBD330T1
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD330T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBD330T1 Datasheet HTML 1Page - Leshan Radio Company MMBD330T1 Datasheet HTML 2Page - Leshan Radio Company MMBD330T1 Datasheet HTML 3Page - Leshan Radio Company MMBD330T1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
MMBD110. 330. 770T1–2/4
MMBD110T1 MMBD330T1 MMBD770T1
NOTES ON TESTING AND SPECIFICATIONS
Note 1 — C
C and CT are measured using a capacitance bridge
(Boonton Electronics Model 75A or equivalent).
Note 2 — Noise figure measured with diode under test in tuned
diode mount using UHF noise source and local oscillator (LO)
frequency of 1.0 GHz. The LO power is adjusted for 1.0 mW.
I
F amplifier NF = 1.5 dB, f = 30 MHz, see Figure 5
Figure 5. Noise Figure Test Circui
TYPICAL CHARACTERISTICS
MMBD110T1
Figure 1. Reverse Leakage
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Noise Figure
PLO, LOCAL OSCILLATOR POWER (mW)
0.1
0.2
0.5
1.0
2.0
5.0
10
11
10
9
8
7
6
5
4
3
2
1
0
1.0
2.0
3.0
4.0
1.0
0.9
0.8
0.7
0.6
0.3
0.4
0.5
0.6
100
10
1.0
0.1
0.7
0.8
30
40
50
60
70
80
100
1.0
130
110
120
90
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
VR = 3.0 Vdc
LOCAL OSCILLATOR FREQUENCY = 1.0 GHz
(Test Circuit Figure 5)
TA = – 40°C
TA = 85°C
TA = 25°C
MMBD110T1
MMBD110T1
MMBD110T1
MMBD110T1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com