Electronic Components Datasheet Search
  English  ▼

X  

MMBD330T1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MMBD330T1
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD330T1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MMBD330T1 Datasheet HTML 1Page - Leshan Radio Company MMBD330T1 Datasheet HTML 2Page - Leshan Radio Company MMBD330T1 Datasheet HTML 3Page - Leshan Radio Company MMBD330T1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
MMBD110. 330. 770T1–3/4
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS
MMBD330T1
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Total Capacitance
IF, FORWARD CURRENT (mA)
Figure 7. Minority Carrier Lifetime
VR, REVERSE VOLTAGE (VOLTS)
Figure 8. Reverse Leakage
VF, FORWARD VOLTAGE (VOLTS)
Figure 9. Forward Voltage
KRAKAUER METHOD
f = 1.0 MHz
0.2
0.4
0.6
0.8
1.0
1.2
0
6.0
12
18
24
10
1.0
0.1
0.01
0.001
0
20
40
60
500
0
80
100
0
3.0
6.0
9.0
12
15
21
2.8
30
24
27
18
2.4
2.0
1.6
1.2
0.8
0
100
10
1.0
0.1
30
10
30
50
70
90
400
300
200
100
0.4
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 100°C
TA = 75°C
TA = 25°C
MMBD330T1
MMBD330T1
MMBD330T1
MMBD330T1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com