Electronic Components Datasheet Search
  English  ▼

X  

MMBD330T1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBD330T1
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD330T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBD330T1 Datasheet HTML 1Page - Leshan Radio Company MMBD330T1 Datasheet HTML 2Page - Leshan Radio Company MMBD330T1 Datasheet HTML 3Page - Leshan Radio Company MMBD330T1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
MMBD110. 330. 770T1–1/4
Schottky Barrier Diodes
Schottky barrier diodes are designed primarily for high–efficiency UHF and VHF
detector applications. Readily available to many other fast switching RF and digital
applications. They are housed in the SOT–323/SC–70 package which is designed for
low–power surface mount applications.
• Extremely Low Minority Carrier Lifetime
• Very Low Capacitance
• Low Reverse Leakage
• Available in 8 mm Tape and Reel
DEVICE MARKING
MMBD110T1 = 4M
MMBD330T1 = 4T
MMBD770T1 = 5H
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MMBD110T1
VR
7.0
Vdc
MMBD330T1
30
MMBD770T1
70
Forward Power Dissipation
PF
120
mW
TA = 25°C
Junction Temperature
TJ
–55 to +125
°C
Storage Temperature Range
Tstg
–55 to +150 °C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
Volts
(IR = 10
µA)
MMBD110T1
7.0
10
—
MMBD330T1
30
—
—
MMBD770T1
70
—
—
Diode Capacitance
CT
pF
(VR = 0, f = 1.0 MHZ, Note 1)
MMBD110T1
—
0.88
1.0
(VR = 15 Volts, f = 1.0 MHZ)
MMBD330T1
—
0.9
1.5
(VR = 20 Volts, f = 1.0 MHZ)
MMBD770T1
—
0.5
1.0
Reverse Leakage
IR
nAdc
(VR = 3.0 V)
MMBD110T1
—
20
250
(VR = 25 V)
MMBD330T1
—
13
200
(VR = 35 V)
MMBD770T1
—
9.0
200
Noise Figure
NF
dB
(f = 1.0 GHz, Note 2)
MMBD110T1
—
6.0
—
Forward Voltage
VF
Vdc
(IF = 10 mA)
MMBD110T1
—
0.5
0.6
(IF= 1.0 mAdc)
MMBD330T1
—
0.38
0.45
(IF = 10 mA)
—
0.52
0.6
(IF = 1.0 mAdc)
MMBD770T1
—
0.42
0.5
(IF = 10 mA)
—
0.7
1.0
MMBD110T1
MMBD330T1
MMBD770T1
1
3
2
CASE 419–02, STYLE 2
SOT–323 /SC – 70


Similar Part No. - MMBD330T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD330T1 MOTOROLA-MMBD330T1 Datasheet
153Kb / 8P
Schottky Barrier Diodes
logo
ON Semiconductor
MMBD330T1 ONSEMI-MMBD330T1 Datasheet
153Kb / 8P
Schottky Barrier Diodes
MMBD330T1G ONSEMI-MMBD330T1G Datasheet
131Kb / 4P
Schottky Barrier Diodes
October, 2010 -- Rev. 5
MMBD330T1G ONSEMI-MMBD330T1G Datasheet
132Kb / 5P
MMBD330T1G
November, 2011 ??Rev. 6
MMBD330T1G ONSEMI-MMBD330T1G_11 Datasheet
132Kb / 5P
MMBD330T1G
November, 2011 ??Rev. 6
More results

Similar Description - MMBD330T1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com