Electronic Components Datasheet Search
  English  ▼

X  

LTC3545 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator??.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3545_15 Datasheet HTML 3Page - Linear Technology LTC3545_15 Datasheet HTML 4Page - Linear Technology LTC3545_15 Datasheet HTML 5Page - Linear Technology LTC3545_15 Datasheet HTML 6Page - Linear Technology LTC3545_15 Datasheet HTML 7Page - Linear Technology LTC3545_15 Datasheet HTML 8Page - Linear Technology LTC3545_15 Datasheet HTML 9Page - Linear Technology LTC3545_15 Datasheet HTML 10Page - Linear Technology LTC3545_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3545/LTC3545-1
7
35451fb
PIN FUNCTIONS
SW1 (Pin 1): Switch Node Connection to Inductor for
Regulator 1. This pin connects to the internal power
MOSFET switches.
PGOOD1 (Pin 2): This open-drain output voltage is pulled
to a logic low when VFB1 is below 0.54V (VOUT1 is below
90% of regulated level).
RUN2 (Pin 3): Regulator 2 Enable Pin. Apply a voltage
greater than VRUN(HIGH) to enable this regulator.
PGOOD2 (Pin 4): This open-drain output voltage is pulled
to a logic low when VFB2 is below 0.54V (VOUT2 is below
90% of regulated level).
SW2 (Pin 5): Switch Node Connection to Inductor for
Regulator 2. This pin connects to the internal power
MOSFET switches.
PGND (Pin 6): Regulators 2 and 3 Power Path Return.
PVIN (Pin 7): Power Path Supply Pin for Regulators 2 and
3. This pin must be closely decoupled to PGND, with a
4.7μF or greater ceramic capacitor.
SW3 (Pin 8): Switch Node Connection to Inductor for
Regulator 3. This pin connects to the internal power
MOSFET switches.
SYNC/MODE (Pin 9, LTC3545 Only): Mode Select and
External Clock Input. When pulled low, part operates in
Burst Mode operation. When pulled high, part operates
in pulse skipping mode. When driven by a 1MHz to 3MHz
external clock, the part operates in pulse skipping mode
with a switching frequency equal to the external clock.
PGOOD3 (Pin 9, LTC3545-1 Only): This open-drain output
voltage is pulled to a logic low when VFB3 is below 0.54V
(VOUT3 is below 90% of regulated level). The LTC3545-1
operates in Burst Mode operation only.
RUN3 (Pin 10): Regulator 3 Enable Pin. Apply a voltage
greater than VRUN(HIGH) to enable this regulator.
VFB3 (Pin 11): Regulator 3 Feedback Pin. This pin receives
the feedback voltage from an external resistive divider
across the output.
VFB2 (Pin 12): Regulator 2 Feedback Pin. This pin receives
the feedback voltage from an external resistive divider
across the output.
VFB1 (Pin 13): Regulator 1 Feedback Pin. This pin receives
the feedback voltage from an external resistive divider
across the output.
RUN1 (Pin 14): Regulator 1 Enable Pin. Apply a voltage
greater than VRUN(HIGH) to enable this regulator.
VIN (Pin 15): Supply Pin for Internal Reference and Control
Circuitry. Power path supply for regulator 1.
GNDA (Pin 16): Ground Pin for Internal Reference and
Control Circuitry. Power path return for regulator 1.
Exposed Pad (Pin 17): GND. Must be soldered to the
PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com