Electronic Components Datasheet Search
  English  ▼

X  

LTC3545 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator??.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 2 Page - Linear Technology

  LTC3545_15 Datasheet HTML 1Page - Linear Technology LTC3545_15 Datasheet HTML 2Page - Linear Technology LTC3545_15 Datasheet HTML 3Page - Linear Technology LTC3545_15 Datasheet HTML 4Page - Linear Technology LTC3545_15 Datasheet HTML 5Page - Linear Technology LTC3545_15 Datasheet HTML 6Page - Linear Technology LTC3545_15 Datasheet HTML 7Page - Linear Technology LTC3545_15 Datasheet HTML 8Page - Linear Technology LTC3545_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3545/LTC3545-1
2
35451fb
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage.................................... –0.3V to 6V
RUNx, PGOODx............................. –0.3V to (VIN + 0.3V)
VFBx, SYNC/MODE ........................ –0.3V to (VIN + 0.3V)
SWx .............................................. –0.3V to (VIN + 0.3V)
P-Switch Source Current (DC) (Note 8) ...................1.1A
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General Characteristics
VIN
Input Voltage Range
●
2.25
5.5
V
VFBx
Regulated Feedback Voltage (Note 5)
TA = 25°C
0°C ≤ TA ≤ 85°C
LTC3545IUD; –40°C < TA < 125°C
●
●
0.592
0.588
0.588
0.6
0.6
0.6
0.608
0.612
0.612
V
V
V
ΔVFBx
Reference Voltage Line Regulation (Note 5)
VIN = 2.25V to 5.5V
●
0.08
0.15
%/V
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = PVIN = 3.6V unless otherwise noted. (Note 2)
N-Channel Sink Current (DC) (Note 8) .....................1.1A
Peak SW Sink and Source Current (Note 8) .............1.3A
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
LTC3545
LTC3545-1
16 15 14 13
5
6
7
8
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
TOP VIEW
9
10
11
12
4
3
2
1
SW1
PGOOD1
RUN2
PGOOD2
VFB2
VFB3
RUN3
SYNC/MODE
TJMAX = 125°C, θJA = 55°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SW1
PGOOD1
RUN2
PGOOD2
VFB2
VFB3
RUN3
PGOOD3
TJMAX = 125°C, θJA = 55°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3545EUD#PBF
LTC3545EUD#TRPBF
LCSR
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC3545IUD#PBF
LTC3545IUD#TRPBF
LCSR
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC3545EUD-1#PBF
LTC3545EUD-1#TRPBF
LDDP
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC3545IUD-1#PBF
LTC3545IUD-1#TRPBF
LDDP
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com