Electronic Components Datasheet Search
  English  ▼

X  

LTC3545 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator??.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3545_15 Datasheet HTML 12Page - Linear Technology LTC3545_15 Datasheet HTML 13Page - Linear Technology LTC3545_15 Datasheet HTML 14Page - Linear Technology LTC3545_15 Datasheet HTML 15Page - Linear Technology LTC3545_15 Datasheet HTML 16Page - Linear Technology LTC3545_15 Datasheet HTML 17Page - Linear Technology LTC3545_15 Datasheet HTML 18Page - Linear Technology LTC3545_15 Datasheet HTML 19Page - Linear Technology LTC3545_15 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3545/LTC3545-1
18
35451fb
TYPICAL APPLICATIONS
3-Channel Power Sequencing
Figure 5. LTC3545-1 Three PGOODs and Power Sequencing
3545 TA05
L1
1.5μH
R1
511k
C2
10μF
SW1
PGOOD1
RUN2
PGOOD2
SW2
PGND
PVIN
SW3
GNDA
VIN
RUN1
VFB1
VFB2
VFB3
RUN3
PGOOD3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC3545-1
GND
17
R3
100k
R4
100k
R5
165k
R6
110k
R7
133k
R8
66.5k
R2
511k
VIN
2.5V TO 5.5V
R9
511k
E3
VOUT1
E2
PGOOD2
E9
PGOOD3
E1
PGOOD1
1.2V AT 0.8A
E4
GND
C3
10μF
E7
VOUT2
1.5V AT 0.8A
E6
GND
C4
10μF
E5
VOUT3
1.8V AT 0.8A
E8
GND
L2
1.5μH
L3
1.5μH
C1
4.7μF
C6
20pF
C5
10μF
C7
20pF
C8
20pF
400μs/DIV
VOUT1
RUN1
VOUT2
VOUT3
PGOOD3
3545 TA06
TA = 25°C
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com