Electronic Components Datasheet Search
  English  ▼

X  

MV2104 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MV2104
Description  Silicon Tuning Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV2104 Datasheet(HTML) 3 Page - Leshan Radio Company

  MV2104 Datasheet HTML 1Page - Leshan Radio Company MV2104 Datasheet HTML 2Page - Leshan Radio Company MV2104 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV2101~MMBV2109
–3/3
MV2101~MV2115
TYPICAL DEVICE CHARACTERISTICS
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1
MMBV2107LT1 MMBV2108LT1 MMBV2109LT1
MV2101 MV2104 MV2105 MV2108 MV2109
MV2111 MV2115
Figure 1. Diode Capacitance versus Reverse Voltage
Figure 2. Normalized Diode Capacitance versus
Junction Temperature
Figure 3. Reverse Current versus Reverse Bias
Voltage
Figure 4. Figure of Merit versus Reverse Voltage
VR, REVERSE VOLTAGE (VOLTS)
1.0
2.0
0.2
10
30
20
1.0
2.0
5.0
10
1000
50
20
100
500
5.0
0.5
0.1
200
MMBV2109LT1/MV2109
1.040
1.030
1.020
1.010
1.000
0.990
0.980
TJ, JUNCTION TEMPERATURE (°C)
+125
-75
-25
0
+25
+50
-50
+75
+100
0.970
0.960
VR = 2.0 Vdc
VR = 4.0 Vdc
VR = 30 Vdc
100
50
20
10
5.0
0.01
VR, REVERSE VOLTAGE (VOLTS)
5.0
10
20
15
25
30
0.02
0.05
0.10
0.20
0.50
1.0
2.0
TA = 125°C
TA = 75°C
TA = 25°C
100
200
500
1000
5000
2000
1.0
2.0
5.0
7.0
10
3.0
20
VR, REVERSE VOLTAGE (VOLTS)
2000
1000
200
500
300
100
f, FREQUENCY (MHz)
10
30
50
70
100
3000
50
30
20
10
20
200 250
TA = 25°C
f = 50 MHz
MV2115
TA = 25°C
VR = 4.0 Vdc
MV2115
Figure 5. Figure of Merit versus Frequency
MMBV2105LT1/MV2105
MMBV2101LT1/MV2101
3.0
0.3
0
10
20
50
300
3000
30
30
MMBV2101LT1/MV2101
MMBV2109LT1/MV2109
5000
MMBV2101LT1/MV2101
MMBV2109LT1/MV2109
NORMALIZED TO CT
at TA = 25°C
VR = (CURVE)
MV2115



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com