Electronic Components Datasheet Search
  English  ▼

X  

MV2104 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MV2104
Description  Silicon Tuning Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV2104 Datasheet(HTML) 2 Page - Leshan Radio Company

  MV2104 Datasheet HTML 1Page - Leshan Radio Company MV2104 Datasheet HTML 2Page - Leshan Radio Company MV2104 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV2101~MMBV2109
–2/3
MV2101~MV2115
Min
Nom
M a x
Typ
Min
Typ
Max
MMBV2101LT1/MV2101
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2103LT1
9.0
10
11
400
2.5
2.9
3.2
MV2104
10.8
12
13.2
400
2.5
2.9
3.2
MMBV2105LT1/MV2105
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2107LT1
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2108LT1/MV2108
24.3
27
29.7
300
2.5
3.0
3.2
MMBV2109LT1/MV2109
29.7
33
36.3
200
2.5
3.0
3.2
MV2111
42.3
47
51.7
150
2.5
3.0
3.2
MV2115
90
100
110
100
2.6
3.0
3.3
MMBV2101LT1, MMBV2103LT1, MMBV2105LT1, MMBV2107LT1 thru MMBV2109LT1, are also available in bulk.
Use the device title and drop the “T1” suffix when ordering any of these devices in bulk.
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1
MMBV2107LT1 MMBV2108LT1 MMBV2109LT1
MV2101 MV2104 MV2105 MV2108 MV2109
MV2111 MV2115
C T , Diode Capacitance
V R = 4.0 Vdc, f = 1.0 MHz
pF
T
R, Tuning Ratio
C
2 /C 30
f = 1.0 MHz
Q, Figure of Merit
V
R = 4.0 Vdc,
f = 50 MHz
PARAMETER TEST METHODS
1. C T , DIODE CAPACITANCE
(C T = C C + C J ). C T is measured at 1.0 MHz using a
ca-pacitance bridge (Boonton Electronics Model
75A or equivalent).
2. T R, TUNING RATIO
T R is the ratio of C T measured at 2.0 Vdc divided by
C T measured at 30 Vdc.
3. Q, FIGURE OF MERIT
Q is calculated by taking the G and C readings of an
ad-mittance bridge at the specified frequency and
substitut-ing in the following equations:
Q =
2
πfC
G
(Booton Electronics Model 33As8 or equivalent).Use
Lead Length ~1/16”.
4.TCC,DIODECAPACITANCETEMPERATURE
COEFFICIENT
TCC is guaranteed by comparing CT at VR=4.0Vdc,f=1.0MHz,
TA= – 65°C with CT at VR=4.0Vdc,f=1.0MHz,TA= +85°C in the
following equation,which defines TC C:
CT(+85°C)– CT(–65°C )106
TC C =
85+65
.
C T(25°C)
Accuracy limited by measurement of CT to±0.1pF.
Device
~



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com