Electronic Components Datasheet Search
  English  ▼

X  

WCS2210 Datasheet(PDF) 5 Page - Winson Semiconductor Corp.

Part # WCS2210
Description  Hall Effect Base Linear AC Current Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2210 Datasheet(HTML) 5 Page - Winson Semiconductor Corp.

  WCS2210 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 5Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 6Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WCS2210
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Sensitivity:
Sensitivity v.s. Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
3
4
5
6
7
8
9
10
11
12V
Sensitivity v.s. Supply Voltage
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5V
Sensitivity standardization (30℃) V.S Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.655
0.754
0.843
0.939
1.003
1.018
1.016
1.000
0.996
0.975
0.939
0.910
0.864
0.566
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com