Electronic Components Datasheet Search
  English  ▼

X  

WCS2210 Datasheet(PDF) 4 Page - Winson Semiconductor Corp.

Part # WCS2210
Description  Hall Effect Base Linear AC Current Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2210 Datasheet(HTML) 4 Page - Winson Semiconductor Corp.

  WCS2210 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 5Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 6Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WCS2210
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Linearity:
Vout v.s.IP Current (Vdd=5V, 0~10A)
Linearity : R² = 0.9952
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
IP Current ( A)
Vout v.s. IP Current (Vdd=5V, 0~8A)
Linearity : R² = 0.9985
2.5
2.7
2.9
3.1
3.3
3.5
3.7
IP Current (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com