Electronic Components Datasheet Search
  English  ▼

X  

WCS2210 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WCS2210
Description  Hall Effect Base Linear AC Current Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2210 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WCS2210 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 5Page - Winson Semiconductor Corp. WCS2210 Datasheet HTML 6Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WCS2210
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Hall Effect Base Linear AC Current Sensor
Features:
 Built-in AC to DC rectifier circuit
 0.4 m
Ω internal conductor resistance
 Output voltage proportional to AC and DC current
 Min. sensing current 0~12A at 5V voltage supply
 High Sensitivity 130 mV/A
 Wide operating voltage range 3.0~12 V.
 Low operating current 3.3 mA
 Nearly zero magnetic hysteresis.
 Ratiometric output from supply voltage
 23K Hz bandwidth
Functional Description :
The Winson WCS2210 provides economical and precise solution for both
DC and AC current sensing in industrial, commercial and communications
systems. The unique package allows for easy implementation by the customer.
Typical applications include motor control, load detection and management,
over-current fault detection and any intelligent power management system
etc…
The WCS2210 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation and AC to DC rectifier circuit and a
current path with 0.4 m
Ω typical internal conductor resistance. This extremely
low resistance can effectively reduce power loss, operating temperature and
increase the reliability greatly. Applied current flowing through this conduction
path generates a magnetic field which is sensed by the integrated Hall IC and
converted into a proportional rectified DC voltage.
The terminals of the conductive path are electrically 1,000V isolated from
the sensor leads. This allow the WCS2210 current sensor to be used in
applications requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques and make system more competitive in cost.


Similar Part No. - WCS2210

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS2210 WINSON-WCS2210_17 Datasheet
429Kb / 6P
Hall Effect Base Linear AC Current Sensor
More results

Similar Description - WCS2210

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2202 WINSON-WCS2202 Datasheet
416Kb / 6P
Hall Effect Base Linear AC Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2202 WINSON-WCS2202_17 Datasheet
415Kb / 6P
Hall Effect Base Linear AC Current Sensor
WCS2210 WINSON-WCS2210_17 Datasheet
429Kb / 6P
Hall Effect Base Linear AC Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com