Electronic Components Datasheet Search
  English  ▼

X  

RF2054SB Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2054SB
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054SB Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2054SB Datasheet HTML 6Page - RF Micro Devices RF2054SB Datasheet HTML 7Page - RF Micro Devices RF2054SB Datasheet HTML 8Page - RF Micro Devices RF2054SB Datasheet HTML 9Page - RF Micro Devices RF2054SB Datasheet HTML 10Page - RF Micro Devices RF2054SB Datasheet HTML 11Page - RF Micro Devices RF2054SB Datasheet HTML 12Page - RF Micro Devices RF2054SB Datasheet HTML 13Page - RF Micro Devices RF2054SB Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10 of 39
RF2054
DS120320
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Detailed Description
The RF2054 is a frequency converter chip that includes a fractional-N phase locked loop, a low noise VCO core, an LO signal
multiplexer, two LO buffer circuits, and two RF mixers. Synthesizer programming, device configuration, and control are
achieved through a mixture of hardware and software controls. All on-chip registers are programmed through a simple three-
wire serial interface.
VCO
The VCO core in the RF2054 consists of one VCO which covers a frequency range dependant on the value of the external
inductor used. The RF2054 has been characterized with 3.3nH inductors, so the VCO covers from 940MHz to 1000MHz. Note
that the VCO inductor is differential so the value given is the inductance on each device pin, and the total differential induc-
tance will be twice this value.
VCO3 must be selected using the PLL1x0:P1_VCOSEL and PLL2x0:P2_VCOSEL control word and setting 10 for VCO3. The VCO
has 128 overlapping bands to achieve an acceptable VCO gain (MHz/V) and hence a good phase noise performance across
the whole tuning range. The chip automatically selects the correct VCO band (VCO coarse tuning) to generate the desired fre-
quency based on the values programmed into the PLL1 and PLL2 register banks. For information on how to program the
desired LO frequency into the PLL1 and PLL2 banks, refer to the next section. The automatic VCO band selection is triggered
every time the ENBL pin is taken high. Once the band has been selected, the PLL will lock onto the correct frequency. During
the band selection process, fixed capacitance elements are progressively connected to the VCO resonant circuit until the VCO
is oscillating at approximately the correct frequency. The output of this band selection is made available in the RB1:CT_CAL
read-back register. A value of 127 or 0 in this register indicates that the selection was unsuccessful; this is usually due to the
wrong VCO being selected so the user is trying to program a frequency that is outside of the VCO operating range. A value
between one and 126 indicates a successful calibration, the actual value being dependent on the desired frequency, as well
as process variation. The band selection takes approximately 25
s with a 21MHz clock. The band select process will center
the VCO tuning voltage at about 1.0V, compensating for manufacturing tolerances and process variation, as well as environ-
mental factors, including temperature. For applications where the synthesizer is always on and the LO frequency is fixed, the
synthesizer will maintain lock over the whole temperature range of -20°C to +75°C. However, it is recommended to re-initiate
an automatic band selection for every 30 degrees of temperature change in order to maintain optimal synthesizer perfor-
mance. This assumes an active loop filter. If start-up time is a critical parameter and the user is always programming the same
frequency for the PLL, the calibration result may be read back from the RB1:CT_CAL register and written to PLL1x2:P1_CT_DEF
or PLL2x2:P2_CT_DEF registers (depending on the desired PLL register bank). The calibration function must then be disabled
by setting the PLL1x0:P1_CT_EN and/or PLL2x0:P2_CT_EN control words to 0. For further information, please refer to the
RF205x Calibration User Guide.
The LO divide ratio is set by the PLL1x0:P1_LODIV and PLL2x0:P2_LODIV control words. The LO is routed to mixer1, mixer2, or
both, depending on the state of the MODE pin and the value of CFG1:FULLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com