Electronic Components Datasheet Search
  English  ▼

X  

RF2054SB Datasheet(PDF) 39 Page - RF Micro Devices

Part # RF2054SB
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054SB Datasheet(HTML) 39 Page - RF Micro Devices

Back Button RF2054SB Datasheet HTML 31Page - RF Micro Devices RF2054SB Datasheet HTML 32Page - RF Micro Devices RF2054SB Datasheet HTML 33Page - RF Micro Devices RF2054SB Datasheet HTML 34Page - RF Micro Devices RF2054SB Datasheet HTML 35Page - RF Micro Devices RF2054SB Datasheet HTML 36Page - RF Micro Devices RF2054SB Datasheet HTML 37Page - RF Micro Devices RF2054SB Datasheet HTML 38Page - RF Micro Devices RF2054SB Datasheet HTML 39Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
39 of 39
RF2054
DS120320
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
QFN, 32-Pin, 5mm x 5mm
Support and Applications Information
Application notes and support material can be downloaded from the product web page: www.rfmd.com/rf205x.
Ordering Information
Part Number
Package
Quantity
RF2054
32-Pin QFN
25-Piece sample bag
RF2054SB
32-Pin QFN
5-Piece sample bag
RF2054SR
32-Pin QFN
100-Piece reel
RF2054TR7
32-Pin QFN
750-Piece reel
RF2054TR13
32-Pin QFN
2500-Piece reel
0.08 C
0.1 C
-C-
0.85±0.10
Detail ‘D’
Rotated CW
Shaded area indicates pin 1.
Dimensions in mm.
0.00
0.05
SEATING
PLANE
-A-
-B-
5.00
5.000
3.70±0.10
0.1
C
M
A B
1
0.25 Typ.
0.1
C
M
A B
0.23±0.05
32x
1
0.1 C
0.85±0.10
SEE DETAIL ‘D’
See Detail ‘D’
0.35±0.05
32x
0.50 Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com