Electronic Components Datasheet Search
  English  ▼

X  

RF2054SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2054SB
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF2054SB Datasheet HTML 1Page - RF Micro Devices RF2054SB Datasheet HTML 2Page - RF Micro Devices RF2054SB Datasheet HTML 3Page - RF Micro Devices RF2054SB Datasheet HTML 4Page - RF Micro Devices RF2054SB Datasheet HTML 5Page - RF Micro Devices RF2054SB Datasheet HTML 6Page - RF Micro Devices RF2054SB Datasheet HTML 7Page - RF Micro Devices RF2054SB Datasheet HTML 8Page - RF Micro Devices RF2054SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1 of 39
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
LO
divider
LO
divider
Frac-N
sequence
generator
N
divider
Phase /
freq
detector
Charge
pump
Ref
divider
VCO
Synth
Sw
RF2054
LOW POWER PLL AND VCO WITH INTEGRATED
MIXERS
The RF2054 is a low power, high performance, frequency conversion chip with inte-
grated local oscillator (LO) and a pair of RF mixers. The synthesizer includes an inte-
grated fractional-N phase locked loop that can control the VCO to produce a low
phase noise and low spurious LO signal with very fine frequency resolution. The
VCO output can then be divided by one, two, or four in the LO divider, the output of
which drives the mixer, which converts the signal into the required frequency band.
The LO generation block has been optimized to operate with the VCO covering the
frequency range from 940MHz to 1000MHz, set by the value of the external induc-
tor used. The mixers are broadband and can operate from 30MHz to 2500MHz at
the input and output, enabling both up and down conversion. An external reference
source of between 10MHz and 26MHz can be used with the RF2054.
All on-chip registers are controlled through a simple three-wire serial interface. The
RF2054 has been characterized for 2.2V operation and low power consumption. It
is available in a plastic 32-pin, 5mm x 5mm QFN package.
Features
Fractional-N Synthesizer
Very Fine Frequency Resolution
1.5Hz for 26MHz Reference
LO Frequency Range 940MHz to
1000MHz
Low Phase Noise VCO
Integrated LO Buffers
Two Wideband RF Mixers
Mixer Frequency Range 30MHz
to 2500MHz
Mixer Input IP3 +12dBm
Mixer Bias Adjustable for Low
Power Operation
2.1V to 2.3V Power Supply
Low Current Consumption
45mA typ. at 2.2V
3-Wire Serial Interface
Applications
Band Shifters
Super-Heterodyne Radios
Diversity Receivers
Wireless Telemetry
DS120320
Package: QFN, 32-Pin, 5mm x 5mm
RF2054Low
Power PLL and
VCO with Inte-
grated Mixers


Similar Part No. - RF2054SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2054 QORVO-RF2054 Datasheet
2Mb / 39P
LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
More results

Similar Description - RF2054SB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
PLL Frequency Synthesizer with Integrated VCO
logo
RF Micro Devices
RF2051 RFMD-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
TRF3722 Quadrature Modulator with Integrated PLL and VCO
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
Quadrature Modulator with Integrated PLL and VCO
logo
Semtech Corporation
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
PLL Frequency Synthesizer with Integrated VCO
logo
Analog Devices
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Qorvo, Inc
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RF2054 QORVO-RF2054 Datasheet
2Mb / 39P
LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com