Electronic Components Datasheet Search
  English  ▼

X  

RF2483 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices RF2483 Datasheet HTML 17Page - RF Micro Devices RF2483 Datasheet HTML 18Page - RF Micro Devices RF2483 Datasheet HTML 19Page - RF Micro Devices RF2483 Datasheet HTML 20Page - RF Micro Devices RF2483 Datasheet HTML 21Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
(2700MHz - High Band Tune Only)
* Represents "GND".
2483400-
*
*
*
*
3
2
1
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
C8
1 nF
VCC
EN
J1
I+
C5
1 pF
L2
1.8 nH
J5
LO HB
L1
6.8 nH
C3
100 pF
J3
LO LB
C7
1 nF
R3
0
Ω
VCC
BAND SEL
J7
Q-
J6
Q+
C14
10 nF
C9
1 nF
C10
1 nF
R5
100
Ω
GC
L4
12 nH
R6
180
Ω
VCC
C6
100 pF
C15
1.5 pF
C13
NC
J8
RF OUT LB
L3
1 nH
R4
220
Ω
VCC
C4
100 pF
C11
1.2 pF
C12
NC
J4
RF OUT HB
P1
1
2
3
CON3
P1-1
C2
1 uF
+
VCC
GND
P1-3
EN
R2
1 M
P2
1
2
3
CON3
GND
P2-3
BAND SEL
R1
1 M
P2-1
C1
1 uF
+
GC
J2
I-
C16
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com