Electronic Components Datasheet Search
  English  ▼

X  

RF2483 Datasheet(PDF) 24 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 24 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 20Page - RF Micro Devices RF2483 Datasheet HTML 21Page - RF Micro Devices RF2483 Datasheet HTML 22Page - RF Micro Devices RF2483 Datasheet HTML 23Page - RF Micro Devices RF2483 Datasheet HTML 24Page - RF Micro Devices RF2483 Datasheet HTML 25Page - RF Micro Devices RF2483 Datasheet HTML 26Page - RF Micro Devices RF2483 Datasheet HTML 27Page - RF Micro Devices RF2483 Datasheet HTML 28Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 700MHz to 1000MHz Application Circuit
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
700.0
800.0
900.0
1000.0
1100.0
1200.0
Frequency (MHz)
Low Band Modulator Performance versus Frequency
LO=0dBm, V
CC=2.7V, GC=2V, IQ=100kHz 800mVP-P
Carrier Suppression
Sideband Suppression
3rd Harmonic of Modulation
Output Power
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
LO Power (dBm)
Low Band Modulator Performance versus LO Power
LO=900MHz, V
CC=2.7V, GC=2V, IQ=100kHz 800mVP-P
Carrier Suppression
Sideband Suppression
3rd Harmonic of Modulation
Output Power
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
10.0
100.0
1000.0
10000.0
Baseband Signal Level (mVpp)
Low Band Output Power versus Baseband Signal Level
V
CC=2.7V, LO=900MHz, IQ=100kHz 1.2VDC
GC = 2.0V
GC = 1.5V
GC = 1.0V
GC = 0.5V
-40.00
-30.00
-20.00
-10.00
0.00
10.00
20.00
30.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Output IP3 versus Gain Control
V
CC=2.7V, LO=0dBm, IQ=900kHz and 1100kHz at 1.2VDC
700MHz
800MHz
900MHz
1000MHz
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
-158.00
-157.00
-156.00
-155.00
-154.00
-153.00
-152.00
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
LO Power (dBm)
Low Band Output Noise 20MHz Offset versus LO Power
V
CC=2.7V, LO=900MHz, GC=2V
Output Noise 20MHz Offset,
I&Q = 800mVpp 1.2Vdc
Output Noise 20MHz Offset,
I&Q = 0 mVpp 1.2Vdc
Output Power
I&Q=800mVpp 1.2Vdc
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
-170.0
-165.0
-160.0
-155.0
-150.0
-145.0
-140.0
-135.0
-130.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Output Noise at 20MHz Offset versus GC
V
CC=2.7V, LO=900MHz 0dBm
Output Noise 20MHz Offset,
I&Q = 800mVpp 1.2Vdc
Output Noise 20MHz Offset,
I&Q = 0 mVpp 1.2Vdc
Output Power
I&Q=800mVpp 1.2Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com