Electronic Components Datasheet Search
  English  ▼

X  

RF2483 Datasheet(PDF) 26 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 26 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 22Page - RF Micro Devices RF2483 Datasheet HTML 23Page - RF Micro Devices RF2483 Datasheet HTML 24Page - RF Micro Devices RF2483 Datasheet HTML 25Page - RF Micro Devices RF2483 Datasheet HTML 26Page - RF Micro Devices RF2483 Datasheet HTML 27Page - RF Micro Devices RF2483 Datasheet HTML 28Page - RF Micro Devices RF2483 Datasheet HTML 29Page - RF Micro Devices RF2483 Datasheet HTML 30Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
26 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 700MHz to 1000MHz Application Circuit
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Carrier Suppression versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Temp = -40°C, Vcc=2.7V
Temp = +25 °C, Vcc=2.7V
Temp = +85 °C, Vcc=2.7V
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Sideband Supperssion versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Temp = -40°C, Vcc=2.7V
Temp = +25 °C, Vcc=2.7V
Temp = +85 °C, Vcc=2.7V
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Carrier Suppression versus Gain Control
V
CC=2.7V, LO=0dBm, IQ=100kHz 800mVP-P 1.2VDC
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Sideband Suppression versus Gain Control
V
CC=2.7V, LO=0dBm, IQ=100kHz 800mVP-P 1.2VDC
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Modulation's 3rd Harmonic versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Output IP3 versus Gain Control
LO=900MHz 0dBm, IQ=900kHz and 1100kHz at 1.2V
DC
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com