Electronic Components Datasheet Search
  English  ▼

X  

RF2815 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2815
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED OUTPUT SAW FILTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2815 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2815 Datasheet HTML 1Page - RF Micro Devices RF2815 Datasheet HTML 2Page - RF Micro Devices RF2815 Datasheet HTML 3Page - RF Micro Devices RF2815 Datasheet HTML 4Page - RF Micro Devices RF2815 Datasheet HTML 5Page - RF Micro Devices RF2815 Datasheet HTML 6Page - RF Micro Devices RF2815 Datasheet HTML 7Page - RF Micro Devices RF2815 Datasheet HTML 8Page - RF Micro Devices RF2815 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF2815
DS100211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Current Mode (cont.)
VDD=+2.85, VSD=1.67V, IDD=4.5mA,
R2=3k
Freq=1575.42MHz. Nominal Oper-
ating Conditions (unless otherwise specified)
Supply DC Current at Shutdown
(SD) Voltage VSD=1.67V (IDD)
4.5
mA
ISH (Shutdown Current)
0.1
uA
Low Operating Voltages
VDD=2V
VDD=1.5V
VDD=1V
VDD=VSD, R2=1.5K. Freq=1575.42MHz.
Nominal Operating Conditions (unless other-
wise specified).
Gain (G)
14
12.5
11.5
dB
Noise Figure (NF)*
0.85
0.95
1.1
dB
Input P1dB Compressed Power
(P1dB)
-2
-4
-6
dBm
Input 3rd Order Intercept Point
(2-tone @ fc±2.5Hz)
10
7.5
3
dBm
Input Return Loss (S11)
-9
-8
-7
dB
Output Return Loss (S22)
-13.5
-12.5
-11
dB
Reverse Isolation (S12)
-24
-24
-22
dB
Cell Band Rejection (Relative to
1575GHz at 827.5Hz
52
52
52
dBc
PCS Band Rejection (Relative to
1575GHz at 1885MHz)
42
42
42
dBc
Supply DC Current at Shutdown
(SD) Voltage VSD=2.85V (IDD)
10.5
7.3
4
mA
ISH (Shutdown Current)
0.1
0.1
0.1
uA
Notes: *Noise Figure data has not been de-embedded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com