Electronic Components Datasheet Search
  English  ▼

X  

RF2815 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2815
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED OUTPUT SAW FILTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2815 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2815 Datasheet HTML 2Page - RF Micro Devices RF2815 Datasheet HTML 3Page - RF Micro Devices RF2815 Datasheet HTML 4Page - RF Micro Devices RF2815 Datasheet HTML 5Page - RF Micro Devices RF2815 Datasheet HTML 6Page - RF Micro Devices RF2815 Datasheet HTML 7Page - RF Micro Devices RF2815 Datasheet HTML 8Page - RF Micro Devices RF2815 Datasheet HTML 9Page - RF Micro Devices RF2815 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RF2815
DS100211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Data on Evaluation Board
Fixture losses have not been de-embedded (Temp=25°C, V
DD =2.85V, R2=3k )
Gain vs. Frequency
(Temp=25°C, Vdd=2.85V, Vsd = 2.6V, Idd = 8mA)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
800
900
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900
Frequency (MHz)
Gain vs. Vdd vs. Idd
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.52.6
2.72.8
2.93.0
3.13.2
3.3
Vdd (V)
8mA
5mA
NF vs. Vdd vs. Idd
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
8mA
5mA
IIP3 vs. Vdd vs. Idd
2.0
4.0
6.0
8.0
10.0
12.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
8mA
5mA
IP1dB vs. Vdd vs. Idd
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
8mA
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com