Electronic Components Datasheet Search
  English  ▼

X  

RF5385 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5385
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5385 Datasheet HTML 3Page - RF Micro Devices RF5385 Datasheet HTML 4Page - RF Micro Devices RF5385 Datasheet HTML 5Page - RF Micro Devices RF5385 Datasheet HTML 6Page - RF Micro Devices RF5385 Datasheet HTML 7Page - RF Micro Devices RF5385 Datasheet HTML 8Page - RF Micro Devices RF5385 Datasheet HTML 9Page - RF Micro Devices RF5385 Datasheet HTML 10Page - RF Micro Devices RF5385 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RF5385
DS120723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5385 Performance Plots
-80
-70
-60
-50
-40
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
Output Power (dBm)
RF5385: Third Harmonic vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.9v; Freq=2450MHz)
-10C
+25C
+70C
-2
-1.5
-1
-0.5
0
0.5
1
2300
2350
2400
2450
2500
2550
2600
FREQUENCY (MHz)
RF5385: Receiver Insertion Loss vs. Temperature
(Vcc=3.3v; Control Voltage High 3.3v, Control Voltage Low 0.2v)
-10C
+25C
+70C
-2
-1.5
-1
-0.5
0
0.5
1
2300
2350
2400
2450
2500
2550
2600
FREQUENCY (MHz)
RF5385: Bluetooth Insertion Loss vs. Temperature
(Vcc=3.3v; Control Voltage High 3.3v, Control Voltage Low 0.2v)
-10C
+25C
+70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com