Electronic Components Datasheet Search
  English  ▼

X  

RF5385 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5385
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5385 Datasheet HTML 1Page - RF Micro Devices RF5385 Datasheet HTML 2Page - RF Micro Devices RF5385 Datasheet HTML 3Page - RF Micro Devices RF5385 Datasheet HTML 4Page - RF Micro Devices RF5385 Datasheet HTML 5Page - RF Micro Devices RF5385 Datasheet HTML 6Page - RF Micro Devices RF5385 Datasheet HTML 7Page - RF Micro Devices RF5385 Datasheet HTML 8Page - RF Micro Devices RF5385 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF5385
DS120723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit (continued)
Gain
24
25
27
dB
At rated POUT
22
25
29
dB
Over Temp Range, Frequency, and Voltage
Gain Variance Slope
Channel 20MHz BW
-0.5
+0.5
dB
Frequency 100MHz BW
-2
+2
dB
In-Band variance 2.4GHz to 2.5GHz
Out of Band Gain
2170MHz
6
8
dBc
CW signal, nominal conditions
Power Detector
Output Power Range
0
25
dBm
Voltage Range
0.1
1.5
VDC
Filter Bandwidth
0.5
MHz
Sensitivity
POUT<10dBm
10
mV/dB
POUT>10dBm
20
mV/dB
Voltage Target at 20dBm
POUT
0.65
0.7
0.75
V
11g, over supply voltage, room temp
Voltage Target at 23dBm
POUT
0.85
1
V
11b, over supply voltage, room temp
Load Variation
±200
mV
up to 3:1 VSWR
Current Consumption
Quiescent
170
mA
Nominal
125
250
mA
All Conditions
Operating
250
295
mA
11g/n 64QAM, POUT=20dBm; nominal conditions
250
325
mA
11g/n 64QAM, POUT=19.5dBm; all conditions
300
410
mA
11b CCK 11Mbps, POUT=23dBm; all conditions
FEM Leakage Current
500
nA
VCC=ON, VREG OFF <0.2V, room temp
VREG Current
3
5
mA
VREG ON >2.85V, POUT=20dBm; all conditions
VREG Leakage Current
50
nA
VREG OFF <0.2V, room temp
Noise Figure
8
9
dB
Input Return Loss
8
10
dB
Thermal Resistance
47
°C/W
VCC=4.8V, VREG=2.95V, C_TX=3.3V,
C_RX=C_BT=GND,POUT=20dBm, Modulation=OFDM 11g,
Freq=2.45GHz, DC=100%, T=85°C
Harmonics
POUT=23dBm, 1Mbps, CCK BW=1MHz, uo to 3:1 load
Second
-20
dBm
4.80GHz to 5.00GHz, VCC=3.3V, Temp=25°C
Third
-20
dBm
7.20GHz to 7.50GHz, VCC=3.3V, Temp=25°C
Stability
Output VSWR
4:1
No spurs above -43dBm from 0dBm to 23dBm, all phase
angles, no spurious or oscillations.
Ruggedness
Output VSWR
10:1
Input Power
0
dBm
CW Input Power
Input Port Impedance
50
Turn-On/Off Time
1
usec
Output stable to within 90% of final gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com