Electronic Components Datasheet Search
  English  ▼

X  

RF5385 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5385
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5385 Datasheet HTML 1Page - RF Micro Devices RF5385 Datasheet HTML 2Page - RF Micro Devices RF5385 Datasheet HTML 3Page - RF Micro Devices RF5385 Datasheet HTML 4Page - RF Micro Devices RF5385 Datasheet HTML 5Page - RF Micro Devices RF5385 Datasheet HTML 6Page - RF Micro Devices RF5385 Datasheet HTML 7Page - RF Micro Devices RF5385 Datasheet HTML 8Page - RF Micro Devices RF5385 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
7
8
9
10
11
12
1
2
3
4
5
6
RX
Vreg
TX
ANT
GND
BT
2fo
2170 MHz
Detector
RF5385
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
FRONT END MODULE
The RF5385 provides an integrated front-end solution for WiFi 802.11b/g/n and
Bluetooth® systems. The ultra small form factor package and integrated matching
greatly reduces the number of external components and layout area in the cus-
tomer application. This simplifies the total Front-end solution by reducing the bill of
materials, system footprint, and assembly cost.
The RF5385 integrates a 2.4GHz Power Amplifier (PA), 2170MHz notch filter for
coexistence with cellular radios, second harmonic attenuation, power detector cou-
pler for improved accuracy, and a SP3T switch capable of simultaneous reception
for WiFi and Bluetooth®. The device is provided in a 2.5mmx2.5mmx0.5mm, 12-
pin package. This module meets or exceeds the RF Front-end needs of IEEE
802.11b/g/n WiFi RF systems.
Features
Integrated 2.4GHz to 2.4GHz
b/g/n Amplifier, SP3T Switch,
and Power Detector Coupler
Single Supply Voltage 3.0V to
4.8V
Output Power:
11b=23dBm Meeting Spectral
Mask
11n=20dBm at <2.5% EVM
Low Height Package, Suited for
SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
SmartEnergy
DS120723
Package: QFN, 12-Pin, 2.5mmx2.5mmx0.5mm
RF5385
2.4GHz to
2.4GHz
802.11b/g/n
WiFi Front End
Module
RF5385SQ
Standard 25-piece bag
RF5385SR
Standard 100-piece bag
RF5385TR7
Standard 2500-piece reel (13”)
RF5385PCK-410
Fully Assembled Evaluation Board with 5-piece Sample


Similar Part No. - RF5385

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5388PCBA-410 RFMD-RF5388PCBA-410 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5389PCBA-410 RFMD-RF5389PCBA-410 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
More results

Similar Description - RF5385

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com