Electronic Components Datasheet Search
  English  ▼

X  

RF6525 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6525
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6525 Datasheet HTML 1Page - RF Micro Devices RF6525 Datasheet HTML 2Page - RF Micro Devices RF6525 Datasheet HTML 3Page - RF Micro Devices RF6525 Datasheet HTML 4Page - RF Micro Devices RF6525 Datasheet HTML 5Page - RF Micro Devices RF6525 Datasheet HTML 6Page - RF Micro Devices RF6525 Datasheet HTML 7Page - RF Micro Devices RF6525 Datasheet HTML 8Page - RF Micro Devices RF6525 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Parameters,
cont.
Gain Settling Time
1
2
uS
Current Sourced through
TXCT Pin
18.0
mA
Voltage Drop from TXCT Pin
to TXP/TXN
0.1
V
Receive Parameters
(LNA Mode)
Frequency
2400
2483
MHz
Gain
8
11.5
14
dB
From antenna to RX pin (entire RX path). (All condi-
tions.)
Noise Figure
2.5
3.5
dB
From antenna to RX pin (entire RX path).
Current
8
12
mA
LNA + Switches
Input IP3
5
10
dBm
At nominal conditions
Gain Flatness
-0.7
0.7
dB
over frequency
Input Return Loss
10
dB
Output Return Loss
8
dB
Amplitude Imbalance
-1
1
dB
Differential RX Port
Phase Imbalance
-15
15
deg
On 180 degrees typical, differential RX Port
Current Sourced through
RXCT Pin
1mA
Voltage Drop from RXCT Pin
to RXP/RXN
0.05
0.1
V
ByPass Mode
Frequency
2400
2483
MHz
Insertion Loss
5
7
dB
Entire RX path
Noise Figure
5
dB
Entire RX path
Current
5
uA
ANT1
50
uA
ANT2
IIP3
18
dBm
Nominal
Gain Flatness
-0.1
0.1
dB
over frequency
Input Return Loss
15
12
dB
Output Return Loss
9.5
8
dB
Amplitude Imbalance
-1
1
dB
Differential RX Port
Phase Imbalance
-15
15
deg
On 180 degrees typical, differential RX Port
Current Sourced through
RXCT Pin
1mA
Voltage Drop from RXCT Pin
to RXP/RXN
0.05
0.1
V
Antenna Switch
RF-to-Control Isolation
50
dB
Measured at any control pin while in TX or RX mode.
RF-to-ANT Isolation
17
20
dB
Measured from Antenna to RX port while in Transmit
mode. Measured from Antenna to TX port while in
Receive mode.
RF-to-RF Isolation
18
20
dB
Measured from TX port to RX port while in receive or
transmit modes.
Switch Control Logic = HIGH
=VCC-0.3
=VCC
V
All Logic I/O’s
Switch Control Logic = LOW
0.0
0.2
V
All Logic I/O’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com