Electronic Components Datasheet Search
  English  ▼

X  

RF6525 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6525
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525 Datasheet(HTML) 5 Page - RF Micro Devices

  RF6525 Datasheet HTML 1Page - RF Micro Devices RF6525 Datasheet HTML 2Page - RF Micro Devices RF6525 Datasheet HTML 3Page - RF Micro Devices RF6525 Datasheet HTML 4Page - RF Micro Devices RF6525 Datasheet HTML 5Page - RF Micro Devices RF6525 Datasheet HTML 6Page - RF Micro Devices RF6525 Datasheet HTML 7Page - RF Micro Devices RF6525 Datasheet HTML 8Page - RF Micro Devices RF6525 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1LNA_MODE
Bypass enable pin. See logic table for operation.
2VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling.
3ANT_SEL
Control pin for Antenna select. See logic table for operation.
4TX_EN
Enable voltage pin for the PA and Transmit switch. See logic table for operation.
5RX_EN
Enable voltage pin for the LNA and Receive switch. See logic table for operation
6ANT2
This is the common port (antenna). It is matched to 50Ω and DC-block is provided internally.
7GND
Ground.
8ANT1
This is the common port (antenna). It is matched to 50Ω and DC-block is provided internally
9GND
Ground.
10
VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling
11
NC
No connect pin. Must be left floating.
12
VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling
13
VCC_BIAS
Voltage Supply. An external 1 uF capacitor might be needed for low frequency decoupling
14
GND
Ground.
15
TXCT
Center tap for passing thru DC voltage to TXN and TXP pins that connect to the TXVR SoIC.
16
TXN
100
 single-ended, 200Ω differential.
17
TXP
100
 single-ended, 200Ω differential.
18
RXCT
Center tap for passing thru DC voltage to RXBN and RXBP pins that connect to the TXVR SoIC.
19
RXBN
100
 single-ended, 200Ω differential.
20
RXBP
100
 single-ended, 200Ω differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com