Electronic Components Datasheet Search
  English  ▼

X  

RF6525 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF6525
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF6525 Datasheet HTML 3Page - RF Micro Devices RF6525 Datasheet HTML 4Page - RF Micro Devices RF6525 Datasheet HTML 5Page - RF Micro Devices RF6525 Datasheet HTML 6Page - RF Micro Devices RF6525 Datasheet HTML 7Page - RF Micro Devices RF6525 Datasheet HTML 8Page - RF Micro Devices RF6525 Datasheet HTML 9Page - RF Micro Devices RF6525 Datasheet HTML 10Page - RF Micro Devices RF6525 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF6525 Biasing Instructions
TX Mode
• With the RF source disabled, apply 3.3V to VCC with other control set to 0V
• Set VTX=High, keeping VRX and LNA_MODE at 0V
• Apply 0V to ANT_SEL to select the ANT1 port, or 2.8V to select the ANT2 port
•VCC current should rise to 70mA to 80mA quiescent current
• Enable the RF source; VCC current should rise to a maximum of 200mA depending on output power
RX LNA Mode
• With the RF source disables, apply 3.3V to VCC with other controls set to 0V
• Set VRX=High to RX Enable and LNA_MODE, keeping TX at 0V
• Apply 0V to ANT_SEL to select the ANT1 port, or 2.8V to select the ANT2 port
•VCC current should rise to 7mA to 8mA
• Enable the RF source; VCC current may increase a few mA depending on output power
RX Bypass Mode
• With the RF source disabled, apply 3.3V to VCC with other controls set to 0V
• Set VRX=High, keeping TX and LNA_MODE at 0V
• Apply 0V to ANT_SEL to select the ANT1 port, or 2.8V to select the ANT2 port
•VCC current should be in the uA range
• Enable the RF source; VCC current should remain in the uA range
Logic Table
Mode
TX_EN
RX_EN
LNA_MODE
ANT_SEL
TX-ANT1
HIGH
LOW
LOW
LOW
TX_ANT2
HIGH
LOW
LOW
HIGH
RX-ANT1 LNA
LOW
HIGH
HIGH
LOW
RX-ANT1 BYP
LOW
HIGH
LOW
LOW
RX-ANT2LNA
LOW
HIGH
HIGH
HIGH
RX-ANT2 BYP
LOW
HIGH
LOW
HIGH
All OFF
LOW
LOW
LOW
LOW
Operating currents at nominal conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com