Electronic Components Datasheet Search
  English  ▼

X  

RFDA3016 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFDA3016
Description  Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA3016 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFDA3016 Datasheet HTML 3Page - RF Micro Devices RFDA3016 Datasheet HTML 4Page - RF Micro Devices RFDA3016 Datasheet HTML 5Page - RF Micro Devices RFDA3016 Datasheet HTML 6Page - RF Micro Devices RFDA3016 Datasheet HTML 7Page - RF Micro Devices RFDA3016 Datasheet HTML 8Page - RF Micro Devices RFDA3016 Datasheet HTML 9Page - RF Micro Devices RFDA3016 Datasheet HTML 10Page - RF Micro Devices RFDA3016 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RFDA3016
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Function
Description
1SPI_LE
Serial Latch Enable Input
2SPI_DATA
Serial Data Input
3SPI_CLK
Serial Clock Input
4PUP
Power-up Programming Pin
5GND
RF/DC Ground Connection
6RF_IN
RF Input, AC Coupled
7GND
RF/DC Ground Connection
8
VCC_AMP1
Supply Voltage for Amplifier 1
9GND
RF/DC Ground Connection
10
GND
RF/DC Ground Connection
11
GND
RF/DC Ground Connection
12
GND
RF/DC Ground Connection
13
GND
RF/DC Ground Connection
14
VCC_AMP2
Supply Voltage for Amplifier 2
15
GND
RF/DC Ground Connection
16
RF_OUT
RF Output, AC Coupled
17
GND
RF/DC Ground Connection
18
GND
RF/DC Ground Connection
19
GND
RF/DC Ground Connection
20
GND
RF/DC Ground Connection
21
GND
RF/DC Ground Connection
22
NC
Do Not Connect, Leave Open Circuit
23
GND
RF/DC Ground Connection
24
GND
RF/DC Ground Connection
25
GND
RF/DC Ground Connection
26
GND
RF/DC Ground Connection
27
GND
RF/DC Ground Connection
28
VCC_SPI
Supply Voltage for SPI and DSA Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com