Electronic Components Datasheet Search
  English  ▼

X  

RFDA3016 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFDA3016
Description  Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA3016 Datasheet(HTML) 4 Page - RF Micro Devices

  RFDA3016 Datasheet HTML 1Page - RF Micro Devices RFDA3016 Datasheet HTML 2Page - RF Micro Devices RFDA3016 Datasheet HTML 3Page - RF Micro Devices RFDA3016 Datasheet HTML 4Page - RF Micro Devices RFDA3016 Datasheet HTML 5Page - RF Micro Devices RFDA3016 Datasheet HTML 6Page - RF Micro Devices RFDA3016 Datasheet HTML 7Page - RF Micro Devices RFDA3016 Datasheet HTML 8Page - RF Micro Devices RFDA3016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFDA3016
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Output Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Output Return Loss versus Frequency
-40°C
85°C
25°C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Normalized Attenuation versus Frequency
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-10
0
10
20
30
40
50
60
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Normalized Phase versus Frequency
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Bit Error versus Frequency
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.5
4.5
8.5
12.5
16.5
20.5
24.5
28.5
Attenuation (dB)
Bit Error versus Attenuation State
3300MHz
3500MHz
3800MHz
Upper Limit
Lower Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com