Electronic Components Datasheet Search
  English  ▼

X  

RFDA3016 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA3016
Description  Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA3016 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA3016 Datasheet HTML 1Page - RF Micro Devices RFDA3016 Datasheet HTML 2Page - RF Micro Devices RFDA3016 Datasheet HTML 3Page - RF Micro Devices RFDA3016 Datasheet HTML 4Page - RF Micro Devices RFDA3016 Datasheet HTML 5Page - RF Micro Devices RFDA3016 Datasheet HTML 6Page - RF Micro Devices RFDA3016 Datasheet HTML 7Page - RF Micro Devices RFDA3016 Datasheet HTML 8Page - RF Micro Devices RFDA3016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFDA3016
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Input Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Input Return Loss versus Frequency
-40°C
85°C
25°C
-5
0
5
10
15
20
25
30
35
40
45
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Gain versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
10
15
20
25
30
35
40
45
50
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Gain versus Frequency
-40°C
85°C
25°C
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Isolation versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Isolation versus Frequency
-40°C
85°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com