Electronic Components Datasheet Search
  English  ▼

X  

RFFM4201 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4201
Description  3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4201 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4201 Datasheet HTML 1Page - RF Micro Devices RFFM4201 Datasheet HTML 2Page - RF Micro Devices RFFM4201 Datasheet HTML 3Page - RF Micro Devices RFFM4201 Datasheet HTML 4Page - RF Micro Devices RFFM4201 Datasheet HTML 5Page - RF Micro Devices RFFM4201 Datasheet HTML 6Page - RF Micro Devices RFFM4201 Datasheet HTML 7Page - RF Micro Devices RFFM4201 Datasheet HTML 8Page - RF Micro Devices RFFM4201 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RFFM4201
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions (continued)
Power Supply - VREG1, VREG2, VREG3
2.8
2.9
3
V
Turn-on time from setting of VREG1,
VREG2, VREG3
400
ns
Output stable to within 90% of final gain
Turn-off time from setting of VREG1,
VREG2, VREG3
800
ns
Output stable to within 90% of final gain
Stability
-25
30
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
32
dBm
Tx mode in 50% Duty Cycle
Rx Performance
Rx Insertion Loss - RX
0.8
1
dB
Noise Figure
0.8
1
dB
In specified frequency band
Return Loss - RX
10
16
dB
RX to Ant Isolation while in Tx Mode
30
dB
RX to TX Isolation while in Tx Mode
25
30
dB
Generic Performance
T/R Switching Time
0.5
s
Voltage Logic High
2.75
2.9
3.4
V
Voltage Logic Low
0
0.3
V
Control Current - Logic High
1
10
A
Thermal
RTH_I
30
°C/W
ESD
Human Body Model
250
V
EIA/JESD22-114A RF pins
500
V
EIA/JESD22-114A DC pins
Charge Device Model
500
V
JESD22-C101C all pins
Truth Table
Status
PDOWN
VTX
VRX
Tx Mode
1
1
0
Rx Mode
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com