Electronic Components Datasheet Search
  English  ▼

X  

RFFM4201 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM4201
Description  3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4201 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFFM4201 Datasheet HTML 2Page - RF Micro Devices RFFM4201 Datasheet HTML 3Page - RF Micro Devices RFFM4201 Datasheet HTML 4Page - RF Micro Devices RFFM4201 Datasheet HTML 5Page - RF Micro Devices RFFM4201 Datasheet HTML 6Page - RF Micro Devices RFFM4201 Datasheet HTML 7Page - RF Micro Devices RFFM4201 Datasheet HTML 8Page - RF Micro Devices RFFM4201 Datasheet HTML 9Page - RF Micro Devices RFFM4201 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RFFM4201
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
General Layout Guidelines and Considerations:
For best performance the following layout guidelines and considerations must be followed regardless of final use or configura-
tion:
1. The ground pad of the RFFM4201 has special electrical and thermal grounding requirements. This pad is the main RF
ground and main thermal conduit path for heat dissipation. The GND pad and vias pattern and size used on the RFMD eval-
uation board should be replicated. The RFMD layout files in Gerber format can be provided upon request. Ground paths
(under device) should be made as short as possible.
2. The RF lines should be well separated with solid ground in between the traces to eliminate any possible RF leakages or
cross-talking.
3. Bypass capacitors should be used on the DC supply lines. The VCC lines may be connected after the RF bypass and decou-
pling capacitors to provide better isolation between each VCC line.
RFFM4201 Tx Production and System Calibration Recommendation:
It is highly recommended to follow the DC biasing step and RF power settings in the production calibration or test.
1. Connect the RF cables of input and output then connect to the proper equipment.
2. Apply VCC, then VREG as per the data sheet recommendations.
3. Set RF input to the desired frequency and initial RF input power at -20dBm. This will insure the power amplifier is in a linear
state and not over driven.
4. Set FEM in Tx mode by the truth table.
5. Apply PDOWN = high
6. Sweep RF from low to high output power and take measurements at the rated output power.
7. Ensure that the output power at turn on does not saturate the power amplifier. The recommended output power should be
about 10dB to 20dB below the rated power. Start calibrating from low to high power in reasonable steps until the rated
power is reached then take the measurements.
CAUTION: If the input signal exceeds the maximum input power specifications, the RFFM4201 could be permanently dam-
aged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com