Electronic Components Datasheet Search
  English  ▼

X  

RFFM4201 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4201
Description  3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4201 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4201 Datasheet HTML 1Page - RF Micro Devices RFFM4201 Datasheet HTML 2Page - RF Micro Devices RFFM4201 Datasheet HTML 3Page - RF Micro Devices RFFM4201 Datasheet HTML 4Page - RF Micro Devices RFFM4201 Datasheet HTML 5Page - RF Micro Devices RFFM4201 Datasheet HTML 6Page - RF Micro Devices RFFM4201 Datasheet HTML 7Page - RF Micro Devices RFFM4201 Datasheet HTML 8Page - RF Micro Devices RFFM4201 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RFFM4201
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1VRX
Switch control for Rx mode
2RX
RF output is internally matched to 50
 and DC blocked.
3GND
Ground connection
4PDET
Power detector provides an output voltage proportional to the RF output power level.
5VREG3
Third stage bias voltage. This pin requires regulated supply for best performance.
6VREG2
Second stage bias voltage. This pin requires regulated supply for best performance.
7VREG1
First stage bias voltage. This pin requires regulated supply for best performance.
8PDOWN
Power down pin. Apply <0.3VDC to power down the three power amplifier stages. Apply 1.75VDC to 5.0VDC
to power up. If function is not desired, pin may be connected to VREG.
9GND
Ground connection
10
TXIN
RF input is internally matched to 50
 and DC blocked.
11
GND
Ground connection
12
GND
Ground connection
13
VBIAS
Supply voltage for the bias reference and control circuits.
14
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified
performance, the layout of these pins should match the recommended land pattern.
15
GND
Ground connection
16
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified
performance, the layout of these pins should match the recommended land pattern.
17
VCC3
This pin is connected internally to the collector of the 3rd stage RF device. To achieve specified
performance, the layout of these pins should match the recommended land pattern.
18
GND
Ground connection
19
GND
Ground connection
20
VTX
Switch control for Tx mode
21
GND
Ground connection
22
GND
Ground connection
23
ANT
RF Output is internally matched to 50
 and DC blocked.
24
GND
Ground connection
PkG Base
GND
Ground connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com