Electronic Components Datasheet Search
  English  ▼

X  

RFFM6201 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6201
Description  2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6201 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6201 Datasheet HTML 1Page - RF Micro Devices RFFM6201 Datasheet HTML 2Page - RF Micro Devices RFFM6201 Datasheet HTML 3Page - RF Micro Devices RFFM6201 Datasheet HTML 4Page - RF Micro Devices RFFM6201 Datasheet HTML 5Page - RF Micro Devices RFFM6201 Datasheet HTML 6Page - RF Micro Devices RFFM6201 Datasheet HTML 7Page - RF Micro Devices RFFM6201 Datasheet HTML 8Page - RF Micro Devices RFFM6201 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFFM6201
DS130327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.0
V
DC Supply Current
300
mA
Maximum Tx Input Power
+5
dBm
Maximum Rx Input Power
+5
dBm
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD HBM per ESDA/Jedec-JDS-001
1000
V
ESD CDM per JESD22-C101
1000
V
MSL
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Conditions
Specifications must be met across supply voltage,
control voltage, and temperature ranges unless other-
wise specified.
VBATT
23.3
3.6
V
Operating Temperature Range
-40
25
85
°C
ZO
50
Ω
Off mode current (All controls
LOW)
0.5
1
μA
All logic low, Temp= 25°C; Over Voltage
Current sourced through CT pin
18
mA
Voltage drop from CT pin to
RFN/RFP
0.1
V
Tx Path
Nominal Conditions: T= 25°C, VBATT= 3.3, Control
Voltage= VBATT -0.2V unles otherwise noted
Frequency
2405
2480
MHz
Input Return Loss
15
dB
Pins 5, 6 (RFN, RFP) 100
Ω differential
Balanced input impedance
100
Ω
Amplitude Imbalance
-1
1
dB
Phase Imbalance
-15
15
deg
Output Return Loss
10
dB
Transmit Path Gain
22
25
dB
At rated power, nominal conditions
Transmit Path Gain
15.5
24
dB
At rated power, 3.3V to 3.6V, all temperatures
Gain flatness
-0.3
0.3
dB
At rated power, nominal conditions
Rated Output Power
23
dBm
VBATT=3.6V, all conditions
22
VBATT=3.0V, all conditions
20
dBm
VBATT to 2.7V, all temperatures
18
dBm
VBATT to 2.0V, all temperatures
Supply current
170
200
mA
At rated power, nominal conditions (VBATT=3.3V,
25°C), 802.15.4 OQPSK
180
220
mA
At rated power, 3.0V to 3.6V, all temperatures,
802.15.4 OQPSK
Thermal Resistance
88
°C/W
3.6VCC; POUT = 23dBm; Tref = 85°C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com