Electronic Components Datasheet Search
  English  ▼

X  

RFFM6201 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6201
Description  2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6201 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6201 Datasheet HTML 1Page - RF Micro Devices RFFM6201 Datasheet HTML 2Page - RF Micro Devices RFFM6201 Datasheet HTML 3Page - RF Micro Devices RFFM6201 Datasheet HTML 4Page - RF Micro Devices RFFM6201 Datasheet HTML 5Page - RF Micro Devices RFFM6201 Datasheet HTML 6Page - RF Micro Devices RFFM6201 Datasheet HTML 7Page - RF Micro Devices RFFM6201 Datasheet HTML 8Page - RF Micro Devices RFFM6201 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
GND
CE
RFN
RFP
ANT1
ANT2
GND
GND
GND
GND
GND
GND
GND
1
7
6
5
4
3
2
8
9
10
11
12
19
18
17
16
15
14
13
24
23
22
21
20
CT
RFFM6201
2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
The RFFM6201 integrates a complete solution in a single Front End Module (FEM)
for WiFi and ZigBee applications in the 2.4GHz band. This FEM integrates the PA
plus harmonic filter in the transmit path. The RFFM6201 also integrates a Low
Noise Amplifier (LNA) with bypass mode and a balun. The RFFM6201 provides a
single balanced TDD access for Rx and Tx paths along with two ports on the output
for connecting a diversity solution or a test port. The device is provided in a 5mm x
5mm x 1mm, 24 pin laminate package.
Features
Tx Output Power=23dBm
Integrated RF Front End Module
with Balun, PA, filter, LNA with
Bypass mode and DP2T switch.
Single Bidirectional Differential
Transceiver interface.
Voltage range=2.0 to 3.6V.
Applications
ZigBee® 802.15.4 Based
Systems for Remote Monitoring
and Control
2.4GHz ISM Band Applications
AA Battery Operation
Smart Meters for Energy
Management
DS130327
Package Style: Laminate, 24-Pin, 5mm x 5mm x 1mm
RFFM6201
RFFM6201
3.3V Front End Module for AMR systems in the 2.4GHz to
2.5GHz Band
RFFM6201SQ
Standard 25 piece bag
RFFM6201SR
Standard 100 piece reel
RFFM6201TR13
Standard 2500 piece reel
RFFM6201PCK-410
Fully assembled evaluation board and 5 loose pieces


Similar Part No. - RFFM6201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204PCK-410 RFMD-RFFM6204PCK-410 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6204PCK-410 QORVO-RFFM6204PCK-410 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204SB RFMD-RFFM6204SB Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
More results

Similar Description - RFFM6201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com