Electronic Components Datasheet Search
  English  ▼

X  

RFFM6201 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6201
Description  2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6201 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6201 Datasheet HTML 1Page - RF Micro Devices RFFM6201 Datasheet HTML 2Page - RF Micro Devices RFFM6201 Datasheet HTML 3Page - RF Micro Devices RFFM6201 Datasheet HTML 4Page - RF Micro Devices RFFM6201 Datasheet HTML 5Page - RF Micro Devices RFFM6201 Datasheet HTML 6Page - RF Micro Devices RFFM6201 Datasheet HTML 7Page - RF Micro Devices RFFM6201 Datasheet HTML 8Page - RF Micro Devices RFFM6201 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RFFM6201
DS130327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Mode
Control Logic
CE
C_RX_TX
C_LNA
ANTSEL
TX to ANT1
High
High
Low
Low
TX to ANT2
High
High
Low
High
RX to ANT1 LNA
High
Low
Low
Low
RX to ANT1 BYP
High
Low
High
Low
RX to ANT2 LNA
High
Low
Low
High
RX to ANT2 BYP
High
Low
High
High
Power Down
Low
Low
Low
Low
Pin Names and Description
Pin
Function
Description
1GND
Ground.
2CE
Control voltage pin for chip enable. See logic table.
3GND
Ground.
4CT
Center tap for passing DC voltage to RFN/RFP pins that connect to TXVR SolC.
5RFN
Differential bi-directional RF port. Matched to 50
Ω single-ended, 100Ω differential.
6RFP
Differential bi-directional RF port. Matched to 50
Ω single-ended, 100Ω differential.
7GND
Ground.
8
VCC_DIG
Voltage supply pin for Tx power amplifier.
9GND
Ground.
10
VCC_PA
Voltage supply pin for Tx power amplifier.
11
N/C
Not connected.
12
GND
Ground.
13
GND
Ground.
14
GND
Ground.
15
ANT1
Antenna port 1. Matched 50
Ω and DC blocked internally.
16
GND
Ground.
17
ANT2
Antenna port 2. Matched 50
Ω and DC blocked internally.
18
GND
Ground.
19
GND
Ground.
20
ANTSEL
Control pin for antenna selection. See logic table.
21
N/C
Not connected.
22
VCC_LNA
Voltage supply pin for Rx low noise amplifier.
23
C_LNA
Control voltage pin for LNA/bypass modes. See logic table.
24
C_RX_TX
Control voltage pin for Tx/Rx modes. See logic table.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com