Electronic Components Datasheet Search
  English  ▼

X  

RFFM6500 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6500
Description  2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6500 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6500 Datasheet HTML 1Page - RF Micro Devices RFFM6500 Datasheet HTML 2Page - RF Micro Devices RFFM6500 Datasheet HTML 3Page - RF Micro Devices RFFM6500 Datasheet HTML 4Page - RF Micro Devices RFFM6500 Datasheet HTML 5Page - RF Micro Devices RFFM6500 Datasheet HTML 6Page - RF Micro Devices RFFM6500 Datasheet HTML 7Page - RF Micro Devices RFFM6500 Datasheet HTML 8Page - RF Micro Devices RFFM6500 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision DS20150622
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6500
RFMD + TriQuint = Qorvo
3 of 9
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Mode
VCC = 3.6V, CTL1 = 2.8V, CTL2 = 0.0V, VREG = 0.0V,
Temperature = 25°C
Insertion Loss
0.5
1.0
dB
Input Return Loss
11
dB
Output Return Loss
11
dB
Power Supply Current
10
20
uA
VCC = 3.6V, Temperature = 25°C
Antenna Switch Section
Isolation
20
dB
From any used to unused port
Input Return Loss - Tx Mode
12
11
dB
Input Return Loss - Rx Mode
14
11
dB
Logic
Control Current
0.25
1.0
uA
Control Voltage = 2.0V
IREG
1.8
4.0
mA
Across all rated voltages at rated power
Switch Control Truth Table
Operating Mode
CTL1
CTL2
VREG
Typical Battery Current at
POUT = 27dBm
Tx to ANT
1
1
2.8VDc
400mA
Rx from ANT
1
0
0VDc
10mA
Power Down
0
0
0VDc
50nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com