Electronic Components Datasheet Search
  English  ▼

X  

RFFM6500 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM6500
Description  2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6500 Datasheet(HTML) 6 Page - RF Micro Devices

  RFFM6500 Datasheet HTML 1Page - RF Micro Devices RFFM6500 Datasheet HTML 2Page - RF Micro Devices RFFM6500 Datasheet HTML 3Page - RF Micro Devices RFFM6500 Datasheet HTML 4Page - RF Micro Devices RFFM6500 Datasheet HTML 5Page - RF Micro Devices RFFM6500 Datasheet HTML 6Page - RF Micro Devices RFFM6500 Datasheet HTML 7Page - RF Micro Devices RFFM6500 Datasheet HTML 8Page - RF Micro Devices RFFM6500 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Revision DS20150622
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6500
RFMD + TriQuint = Qorvo
6 of 9
Evaluation Board Schematic
1
2
3
4
10
13
12
11
19
18
17
20
27
28
29
30
J3
ANT
J1
RX_OUT
P1
6
5
4
3
2
1
HDR_1X6
5
6
7
8
14
15
21
22
23
24
31
32
VCC
CTL2
9
CTL2
CTL1
16
25
26
J2
PA IN
U1
RFFM6500
VCC
N/C
N/C
VREG
VREG
L1
TBD
L3
TBD
C5
TBD
C6
TBD
L2
THB
L6
THB
CTL1
C3
TBD
C4
TBD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com