Electronic Components Datasheet Search
  English  ▼

X  

RFFM6500 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6500
Description  2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6500 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6500 Datasheet HTML 1Page - RF Micro Devices RFFM6500 Datasheet HTML 2Page - RF Micro Devices RFFM6500 Datasheet HTML 3Page - RF Micro Devices RFFM6500 Datasheet HTML 4Page - RF Micro Devices RFFM6500 Datasheet HTML 5Page - RF Micro Devices RFFM6500 Datasheet HTML 6Page - RF Micro Devices RFFM6500 Datasheet HTML 7Page - RF Micro Devices RFFM6500 Datasheet HTML 8Page - RF Micro Devices RFFM6500 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision DS20150622
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 9
RFMD + TriQuint = Qorvo
RFFM6500
2.7V to 4.2V, 168MHz to 171MHz ISM Band
Transmit/Receive Module
The RFFM6500 is a single-chip front end module (FEM) for application
in the 168MHz to 171MHz ISM Band. The RFFM6500 addresses the
need for aggressive size reduction for typical portable equipment RF
front end designs and greatly reduces the number of components
outside of the core chipset thus minimizing the footprint and assembly
cost of the overall solution. The RFFM6500 contains an integrated 1/2W
PA, Tx/Rx SP2T RF switch, low pass filter, Si logic controller, and
matching components. The RFFM6500 is packaged in a 32-pin, 6.0mm
x 6.0mm x 1.2mm over-molded laminate package.
CTL
LO GIC
32
GND
GND
GND
GND
CTL3
CTL2
CTL1
GND
ANT
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
GND
GND
GND
GND
RF _OUT
GND
LPF
PA
FLT_IN
PA_OUT
Functional Block Diagram
Ordering Information
RFFM6500SB
Standard 5-piece bag
RFFM6500SQ
Standard 25-piece bag
RFFM6500SR
Standard 100-piece reel
RFFM6500TR13
Standard 2500-piece reel
RFFM6500PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: LGA, 32-pin,
6.0mm x 6.0mm x 1.2mm
Features
■
Tx Output Power: 27dBm
■
Separate Rx/Tx 50Ω Transceiver
Interface
■
Low Pass Filter
Applications
■
Wireless Automated Metering
■
Wireless Alarm Systems
■
Portable Battery Powered
Equipment
■
Smart Energy
■
168MHz/171MHz ISM Band
Application
■
Single Chip RF Front End Module
RFFM6500


Similar Part No. - RFFM6500

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6500PCK-410 QORVO-RFFM6500PCK-410 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6500SB QORVO-RFFM6500SB Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6500SQ QORVO-RFFM6500SQ Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6500SR QORVO-RFFM6500SR Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results

Similar Description - RFFM6500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com