Electronic Components Datasheet Search
  English  ▼

X  

RFFM6903 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6903
Description  2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6903 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6903 Datasheet HTML 1Page - RF Micro Devices RFFM6903 Datasheet HTML 2Page - RF Micro Devices RFFM6903 Datasheet HTML 3Page - RF Micro Devices RFFM6903 Datasheet HTML 4Page - RF Micro Devices RFFM6903 Datasheet HTML 5Page - RF Micro Devices RFFM6903 Datasheet HTML 6Page - RF Micro Devices RFFM6903 Datasheet HTML 7Page - RF Micro Devices RFFM6903 Datasheet HTML 8Page - RF Micro Devices RFFM6903 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Revision DS20150709
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 11
RFFM6903
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit High Power Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V,
VAPC = 2.25V, EN = 1.8V, TR = 1.8V, BYP = 0.2V,
Measured Path = TX to ANT, Temperature = 25ºC
Output Power
30.0
30.5
dBm
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
28
VCCTx1, VCCTx2 = 2.7V, PIN = +10dBm
Thermal Resistance
24.73
C°/W
3.6V VCC, 100% Duty, 30.2 dBm POUT, TREF = 85° C
Input Return Loss
12.5
dB
Output Return Loss
7
dB
Operating Current
840
900
mA
POUT = 30.5dBm, ICC TX1 + ICC TX2
Quiescent Current (ICC_TX1/2)
100
180
mA
ICC TX1 + ICC TX2, RF = Off
Quiescent Current (IDD)
7
mA
Quiescent Current (ICC_RX)
11.5
µA
IDD
12
18
mA
POUT = 30.5dBm
Second Harmonic
-60
dBc
Third - Tenth Harmonic
-60
dBc
Gain
20
dB
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
18
dB
VCCTx1, VCCTx2 = 2.7V, PIN = +10dBm
Transmit Bypass Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V,
VAPC = 0.0V, EN = 1.8V, TR = 1.8V, BYP = 1.8V,
Measured Path = TX to ANT, Temperature = 25ºC
Insertion Loss
2.0
2.7
dB
PIN = +5dBm
Input P1dB
27
28
dBm
Input IP3
41
dBm
Input Return Loss
18
dB
Output Return Loss
13.5
dB
Second Harmonic Attenuation
-46
dB
PIN = +12dBm, Second Harmonic Insertion Loss
Third - Tenth Harmonic Attenuation
-47
dB
PIN = +12dBm, Third - Tenth Harmonic Insertion Loss
Receive Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 0.2V,
Measured Path = SAW2 to RX, Temperature = 25ºC
IP1dB
-2.5
dBm
Gain
13.5
15.5
16.0
dB
PIN = -20dBm
Current
4
5
6
mA
IDD
150
µA
Noise Figure
1.7
2.0
dB
IIP3
1.4
3.0
dBm
Input Return Loss
18
dB
Output Return Loss
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com