Electronic Components Datasheet Search
  English  ▼

X  

RFFM6903 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6903
Description  2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6903 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6903 Datasheet HTML 1Page - RF Micro Devices RFFM6903 Datasheet HTML 2Page - RF Micro Devices RFFM6903 Datasheet HTML 3Page - RF Micro Devices RFFM6903 Datasheet HTML 4Page - RF Micro Devices RFFM6903 Datasheet HTML 5Page - RF Micro Devices RFFM6903 Datasheet HTML 6Page - RF Micro Devices RFFM6903 Datasheet HTML 7Page - RF Micro Devices RFFM6903 Datasheet HTML 8Page - RF Micro Devices RFFM6903 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision DS20150709
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 11
RFMD + TriQuint = Qorvo
RFFM6903
2.5V to 4.2V, ISM Band, 1W
915MHZ Transmit/Receive Module
The RFFM6903 is a single-chip front end module (FEM) for applications
in the 900MHz and 868MHz ISM Bands. The RFFFM6903 addresses
the need for aggressive size reduction for typical portable equipment RF
front end design and greatly reduces the number of components outside
of the core chipset thus minimizing the footprint and assembly cost of
the overall solution. The RFFM6903 contains an integrated 1 Watt PA,
SP3T antenna switch, integrated Tx harmonic filter, Tx thru path, LNA
with bypass mode, and matching components. The RFFM6903 is
packaged in a 28-pin, 6.0mm x 6.0mm x 0.975mm over-molded
laminate package with backside ground which greatly minimizes next
level board space and allows for simplified integration.
23
CTL
LOGIC
GND
VAPC
GND
ANT
TX
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BYP
EN
RX
TR
VCC_RX
NC
GND
GND
GND
GND
GND
LNA
PA
Functional Block Diagram
Ordering Information
RFFM6903SB
Standard 5-piece sample bag
RFFM6903SQ
Standard 25-piece sample bag
RFFM6903SR
Standard 100-piece reel
RFFM6903TR13
Standard 2500-piece reel
RFFM6903PCK-410
Fully assembled evaluation board w/ 5 piece bag
Package: LGA, 28-pin,
6.0mm x 6.0mm x 0.975mm
Features
■
Integrated 50
Ω Input/Output Match
■
Tx Output Power: 30dBm
■
Separate Tx/Rx 50 Ω transceiver
interface
■
Integrated PA, filtering LNA with
Bypass Mode
■
Transmit Thru path
Applications
■
868MHz/900MHz ISM Bands
■
Single Chip RF Front End Module
■
Wireless Automatic Metering
■
Portable Battery Powered
Equipment
■
Smart Energy
RFFM6903


Similar Part No. - RFFM6903

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6903 QORVO-RFFM6903 Datasheet
1Mb / 10P
ISM Front End Module
RFFM6903PCK-410 QORVO-RFFM6903PCK-410 Datasheet
1Mb / 10P
ISM Front End Module
RFFM6903SB QORVO-RFFM6903SB Datasheet
1Mb / 10P
ISM Front End Module
RFFM6903SQ QORVO-RFFM6903SQ Datasheet
1Mb / 10P
ISM Front End Module
RFFM6903SR QORVO-RFFM6903SR Datasheet
1Mb / 10P
ISM Front End Module
More results

Similar Description - RFFM6903

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com