Electronic Components Datasheet Search
  English  ▼

X  

RFFM6903 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6903
Description  2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6903 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6903 Datasheet HTML 1Page - RF Micro Devices RFFM6903 Datasheet HTML 2Page - RF Micro Devices RFFM6903 Datasheet HTML 3Page - RF Micro Devices RFFM6903 Datasheet HTML 4Page - RF Micro Devices RFFM6903 Datasheet HTML 5Page - RF Micro Devices RFFM6903 Datasheet HTML 6Page - RF Micro Devices RFFM6903 Datasheet HTML 7Page - RF Micro Devices RFFM6903 Datasheet HTML 8Page - RF Micro Devices RFFM6903 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Revision DS20150709
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 11
RFFM6903
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Bypass Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 1.8V,
Measured Path = SAW2 to RX, Temperature = 25ºC
Insertion Loss
1.6
2.2
2.4
dB
Current (ICC_TX1/2)
(IDD)
(ICC_RX)
90
µA
100
µA
50
nA
IP1dB
17.5
dBm
IIP3
42
dBm
Input Return Loss
11
dB
Output Return Loss
14
dB
Antenna Switch
Measured ANT to SAW1, RX & RX BYPASS Modes
Insertion Loss
0.5
dB
Input Return Loss
9
10
dB
Output Return Loss
9
10
dB
Isolation
Isolation
24
dB
ANT to SAW1 (Module in TX BYP Mode)
44
dB
ANT to SAW1 (Module in TX Mode)
Logic
Control Logic HIGH
1.6
4.0
V
Max Control Logic High = VDD - 0.2VDC
Control Logic LOW
0.2
0.3
V
Control Logic HIGH Current
0.1
µA
Control Logic LOW Current
0.1
µA
VAPC High Current
50
µA
Across all rated voltages at rated power
*868MHz data available upon request
Table
Operating Mode
TR
EN
BYP
PA
LNA
(Pin2)
(Pin3)
(Pin4)
Transmit
High
High
Low
ON
OFF
Transmit Bypass
High
High
High
OFF
OFF
Receive
Low
High
Low
OFF
ON
Receive Bypass
Low
High
High
OFF
OFF
Shutdown
X
Low
X
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com