Electronic Components Datasheet Search
  English  ▼

X  

RFFM6906 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6906
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6906 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6906 Datasheet HTML 1Page - RF Micro Devices RFFM6906 Datasheet HTML 2Page - RF Micro Devices RFFM6906 Datasheet HTML 3Page - RF Micro Devices RFFM6906 Datasheet HTML 4Page - RF Micro Devices RFFM6906 Datasheet HTML 5Page - RF Micro Devices RFFM6906 Datasheet HTML 6Page - RF Micro Devices RFFM6906 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 7
RFFM6906
Absolute Maximum Ratings
Parameter
Rating
Unit
Battery Voltage
5.5
V
Operating Temperature
-40 to 85
°C
Storage Temperature
-40 to 150
°C
ESD, HBM (all pins)
500
V
ESD, CDM (all pins)
500
V
MSL
MSL 3
Maximum Input Power to PA
+20
dBm
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Frequency
865
902 to 928
MHz
RF Port Impedance
50
Ω
Single-ended
75
Ω
Balanced; RX_P and RX_N
Total Leakage Current
2
µA
VBATT = 3.1V/3.6V/4V, VREG = 0V, C_TX = 0V, C_RX = 0V
PA Section
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, C_RX = 0V,
Temperature = 25°C; POUT = 30dBm.
Unless otherwise specified.
CW POUT Saturation
30
31
32
dBm
Large Signal Gain
24
27
dB
Thermal Resistance
41
°C/W
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, C_RX = 0V, TREF = 85°C,
POUT = 30dBm
2Fo
-40
-35
dBc
3Fo to 10Fo
-70
dBc
Fo = 865MHz
-75
-72
dBc
Fo = 902MHz to 928MHz
Input Return Loss
10
dB
Output Return Loss
10
dB
Battery Voltage
3.3
3.6
4.0
V
VCC
Operating Current
700
850
mA
Quiescent Current
140
mA
No RF
VREG
3.1
3.4
3.8
V
VCC to 0.2V
VREG Current
1.5
2
mA
RX Switch Section
VCC = 3.6V, VREG = 0V, C_TX = 0V, C_RX = 3.4V,
Temperature = 25°C; Unless otherwise specified
Insertion Loss
1.5
1.7
dB
ANT1/ANT2 to ASW_RX
Input Return Loss
10
12
dB
Output Return Loss
10
12
dBm
Power Limiter
10
dBm
ASW_RX Port



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com