Electronic Components Datasheet Search
  English  ▼

X  

RFFM6906 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6906
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6906 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6906 Datasheet HTML 1Page - RF Micro Devices RFFM6906 Datasheet HTML 2Page - RF Micro Devices RFFM6906 Datasheet HTML 3Page - RF Micro Devices RFFM6906 Datasheet HTML 4Page - RF Micro Devices RFFM6906 Datasheet HTML 5Page - RF Micro Devices RFFM6906 Datasheet HTML 6Page - RF Micro Devices RFFM6906 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
RFFM6906
3.1V to 4.0V, 915MHz Transmit/Receive Module
This module is intended for 868MHz and 915MHz AMR solutions.
The FEM provides separate ports for Rx/Tx paths, single-ended
Tx and single-ended Rx or Rx differential port, 12dB gain single
stage LNA, and single port antenna connection. The PA section
provides a nominal output power of 30dBm. The device is
provided in a 5.5mm x 5.0mm, 28-pin package.
8
7
6
5
4
3
2
1
28
27
20
26
25
24
23
22
21
9
10
GND
ANT1
GND
RXP
RXN
GND
11
19
18
17
16
14
13
12
TX
GND
GND
GND
GND
GND
15
GND
C_ANT
GND
ANT2
Functional Block Diagram
Ordering Information
RFFM6906SB
Standard 5-piece bag
RFFM6906SQ
Standard 25-piece bag
RFFM6906SR
Standard 100-piece reel
RFFM6906TR13
Standard 2500-piece reel
RFFM6906PCBA-410
Fully assembled evaluation board
Package: LGA, 28-pin,
5.5mm x 5.0mm
Features
■ Tx Output Power: 30dBm
■ Separate 50Ω Tx/Rx Transceiver
Interface
■ Optional 75Ω Rx Differential
Transceiver Interface
■ Rx Gain: 12dB
Applications
■ Wireless Automated Metering
■ Wireless Alarm Systems
■ Portable Battery Powered
Equipment
■ Smart Energy
■ 868MHz/900MHz ISM Band
Application
■ Single Chip RF Front End Module
RFFM6906


Similar Part No. - RFFM6906

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906PCK-410 QORVO-RFFM6906PCK-410 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906SB QORVO-RFFM6906SB Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906SQ QORVO-RFFM6906SQ Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906SR QORVO-RFFM6906SR Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
More results

Similar Description - RFFM6906

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com