Electronic Components Datasheet Search
  English  ▼

X  

RFFM6906 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6906
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6906 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6906 Datasheet HTML 1Page - RF Micro Devices RFFM6906 Datasheet HTML 2Page - RF Micro Devices RFFM6906 Datasheet HTML 3Page - RF Micro Devices RFFM6906 Datasheet HTML 4Page - RF Micro Devices RFFM6906 Datasheet HTML 5Page - RF Micro Devices RFFM6906 Datasheet HTML 6Page - RF Micro Devices RFFM6906 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 7
RFFM6906
Application Schematic
1
2
3
4
9
12
11
10
17
16
15
18
23
24
25
26
J2
TX
J1
ANT 1
L1
10nH
C2
180pF
C1
1.0μF
P1
8
7
6
5
4
3
2
1
HDR_1X7
C_ANT
5
6
7
8
13
14
19
20
21
22
27
28
C_TX
C_RX
J2
RX_N
C_RX
VREG
VCC
VREG
Differential Pair 75Ω
J4
BAL IN
J3
ASW RX
J5
RX_P
C_TX
C_ANT
J6
ANT 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com